| Electronic Components Datasheet Search |
|
SN8F5708 Datasheet(PDF) 6 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F5708 Datasheet(HTML) 6 Page - SONiX Technology Company |
|
6 / 204 page ![]() www.sonix.com.tw SN8F5708 Series Copyright © 2019, SONiX Technology Co., Ltd. Revision History Datasheet Rev. 2.4 6 5. Modify Configuration of Reset and Power-on Controller section description. 6. Modify Power-on Sequence, LVD Reset and External Reset Pin section description. 7. Modify System clock section description. 8. Add High Speed Clock and Real time clock section. 9. Modify Power Management section description. 10. Add System clock timing section. 11. Add System Operating Mode chapter. 12. Modify Interrupt Priority section description. 13. Interrupt chapter adds example section. 14. Modify UART chapter description and baud rate table. 15. I2C chapter adds protocol description diagram and modifies the clock rate table. 16. Debug Interface chapter was renamed Development Environment chapter. Modify Development Environment chapter description. Add Development Tool section. 17. Add SN5708 Starter-kit chapter. 18. Modify ROM Programming Pin chapter description. Add MP5 Hardware Connecting, SN-Link ISP Programming and SN-Link ISP Programming Pin Mapping sections. 2.3 Dec. 2018 1. Modify typing error in pin assignment and T2 comparison output section. 2. Remove SSOP28 and add TSSOP28 package. 3. Modify Pin Circuit Diagrams section. 2.4 Jan. 2019 1. Repair an error, omission, etc. 2. Modify ADC input offset range. 3. Modify power on sequence and system clock timing. 4. Modify Package Information section. 5. Modify SPI operation section description. 6. Modify Timer0/ Timer1 section description. SONIX reserves the right to make change without further notice to any products herein to improve reliability, function or design. SONIX does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others. SONIX products are not designed, intended, or authorized for us as components in systems intended, for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SONIX product could create a situation where personal injury or death may occur. Should Buyer purchase or use SONIX products for any such unintended or unauthorized application. Buyer shall indemnify and hold SONIX and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, cost, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use even if such claim alleges that SONIX was negligent regarding the design or manufacture of the part. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |