Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 18 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 18 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 14Page - SONiX Technology Company SN8F5708 Datasheet HTML 15Page - SONiX Technology Company SN8F5708 Datasheet HTML 16Page - SONiX Technology Company SN8F5708 Datasheet HTML 17Page - SONiX Technology Company SN8F5708 Datasheet HTML 18Page - SONiX Technology Company SN8F5708 Datasheet HTML 19Page - SONiX Technology Company SN8F5708 Datasheet HTML 20Page - SONiX Technology Company SN8F5708 Datasheet HTML 21Page - SONiX Technology Company SN8F5708 Datasheet HTML 22Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Pin Assignments
Datasheet Rev. 2.4
18
4.14
Pin Characteristic
Port
Open-
Drain
Sink
Current
100mA
VSS+1.5V
Sink
Current
20mA
VSS+0.5V
External
Interrupt
Wakeup
(Level
change)
Shared Pin
P0.0
-
V
-
-
V
XIN
P0.1
-
V
-
-
V
XOUT
P0.2
-
V
-
-
V
RST
P0.3
-
V
-
-
V
P0.4
-
V
-
-
V
P0.5
V
V
-
-
V
UTX
P0.6
V
V
-
-
V
URX
P0.7
-
V
-
-
V
SSN
P1.0
-
V
-
-
V
T2COM0
P1.1
V
V
-
-
V
T2COM1/MOSI
P1.2
V
V
-
-
V
T2COM2/MISO
P1.3
V
V
-
-
V
T2COM3/SCK
P1.4
-
-
V
-
V
SCL
P1.5
-
-
V
-
V
SDA
P1.6
-
-
V
-
V
P1.7
-
-
V
-
V
P2.0
-
-
V
-
-
P2.1
-
-
V
V
-
INT0
P2.2
-
-
V
V
-
INT1/T2RL
P2.3
-
-
V
V
-
INT2/T2
P2.4
-
-
V
-
-
CM1O
P2.5
-
-
V
-
-
CM1P
P2.6
-
-
V
-
-
CM1N
P2.7
-
-
V
-
-
CM0O
P3.0
-
-
V
-
-
OP0N
P3.1
-
-
V
-
-
OP0P
P3.2
-
-
V
-
-
OP0O
P3.3
-
-
V
-
-
OP1N
P3.4
-
-
V
-
-
OP1P/T2CC0
P3.5
-
-
V
-
-
OP1O/T2CC1
P3.6
-
-
V
-
-
CM0N/T2CC2
P3.7
-
-
V
-
-
CM0P/T2CC3
P4.0
-
-
V
-
-
AIN0/SWAT
P4.1
-
-
V
-
-
AIN1
P4.2
-
-
V
-
-
AIN2
P4.3
-
-
V
-
-
AIN3
P4.4
-
-
V
-
-
AIN4
P4.5
-
-
V
-
-
AIN5
P4.6
-
-
V
-
-
AIN6/PWM10
P4.7
-
-
V
-
-
AIN7/PWM11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com