Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 75 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 75 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 71Page - SONiX Technology Company SN8F5708 Datasheet HTML 72Page - SONiX Technology Company SN8F5708 Datasheet HTML 73Page - SONiX Technology Company SN8F5708 Datasheet HTML 74Page - SONiX Technology Company SN8F5708 Datasheet HTML 75Page - SONiX Technology Company SN8F5708 Datasheet HTML 76Page - SONiX Technology Company SN8F5708 Datasheet HTML 77Page - SONiX Technology Company SN8F5708 Datasheet HTML 78Page - SONiX Technology Company SN8F5708 Datasheet HTML 79Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
GPIO
Datasheet Rev. 2.4
75
P0: 0x80, P1: 0x90, P2: 0xA0, P3: 0xFC, P4: 0xE8, P5: 0xF8
Bit
Field
Type
Initial
Description
7
P07
R/W
1
Read: P0.7 pin’s logic level
Write 1/0: Output logic high or low (applied if P07M = 1)
6
P06
R/W
1
Read: P0.6 pin’s logic level
Write 1/0: Output logic high or low (applied if P06M = 1)
5
P05
R/W
1
Read: P0.5 pin’s logic level
Write 1/0: Output logic high or low (applied if P05M = 1)
4..0
et cetera
12.3
On-chip Pull-up Resisters
The P0UR to P5UR registers are mapped to each pins’ internal 100 kΩ (in typical value) pull-up
resister.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0UR
P07UR
P06UR
P05UR
P04UR
P03UR
P02UR
P01UR
P00UR
P1UR
P17UR
P16UR
P15UR
P14UR
P13UR
P12UR
P11UR
P10UR
P2UR
P27UR
P26UR
P25UR
P24UR
P23UR
P22UR
P21UR
P20UR
P3UR
P37UR
P36UR
P35UR
P34UR
P33UR
P32UR
P31UR
P30UR
P4UR
P47UR
P46UR
P45UR
P44UR
P43UR
P42UR
P41UR
P40UR
P5UR
-
-
P55UR
P54UR
P53UR
P52UR
P51UR
P50UR
P0UR: 0xF1, P1UR: 0xF2, P2UR: 0xF3, P3UR: 0xF4, P4UR: 0xF5, P5UR: 0xF6
Bit
Field
Type
Initial
Description
7
P07UR
R/W
0
On-chip pull-up resister control of P0.7
0: Disable
*
1: Enable
6
P06UR
R/W
0
On-chip pull-up resister control of P0.6
0: Disable
*
1: Enable
5
P05UR
R/W
0
On-chip pull-up resister control of P0.5
0: Disable
*
1: Enable
4..0
et cetera
* Recommended disable pull-up resister if the pin is output mode or analog function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com