Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 50 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 50 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 46Page - SONiX Technology Company SN8F5708 Datasheet HTML 47Page - SONiX Technology Company SN8F5708 Datasheet HTML 48Page - SONiX Technology Company SN8F5708 Datasheet HTML 49Page - SONiX Technology Company SN8F5708 Datasheet HTML 50Page - SONiX Technology Company SN8F5708 Datasheet HTML 51Page - SONiX Technology Company SN8F5708 Datasheet HTML 52Page - SONiX Technology Company SN8F5708 Datasheet HTML 53Page - SONiX Technology Company SN8F5708 Datasheet HTML 54Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Clock and Power Management
Datasheet Rev. 2.4
50
IDLE Mode Wake-up Timing
Oscillator Start-up Time
The start-up time is depended on oscillator’s material, factory and architecture. Normally, the
low-speed oscillator’s start-up time is lower than high-speed oscillator.
Low Speed Crystal
(32K, 455K)
Tost
Crystal
Tost
RC Oscillator
Tost
Ceramic/Resonator
Tost
Wake-up Pin
Rising Edge
Oscillator
Fcpu
(Instruction Cycle)
Wake-up Pin
Falling Edge
System inserts into green mode.
Edge trigger system wake-up.
0x00
0xFF
0xFE
0x01
0x02
...
0xFD
...
...
...
...
...
Timer
Timer overflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com