Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 27 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 27 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 23Page - SONiX Technology Company SN8F5708 Datasheet HTML 24Page - SONiX Technology Company SN8F5708 Datasheet HTML 25Page - SONiX Technology Company SN8F5708 Datasheet HTML 26Page - SONiX Technology Company SN8F5708 Datasheet HTML 27Page - SONiX Technology Company SN8F5708 Datasheet HTML 28Page - SONiX Technology Company SN8F5708 Datasheet HTML 29Page - SONiX Technology Company SN8F5708 Datasheet HTML 30Page - SONiX Technology Company SN8F5708 Datasheet HTML 31Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
CPU
Datasheet Rev. 2.4
27
SP Register (0x81)
Bit
Field
Type
Initial
Description
7..0
SP
R/W
0x07
Stack pointer
DPL Register (0x82)
Bit
Field
Type
Initial
Description
7..0
DPL[7:0]
R/W
0x00
Low byte of DPTR0
DPH Register (0x83)
Bit
Field
Type
Initial
Description
7..0
DPH[7:0]
R/W
0x00
High byte of DPTR0
DPL1 Register (0x84)
Bit
Field
Type
Initial
Description
7..0
DPL1[7:0]
R/W
0x00
Low byte of DPTR1
DPH1 Register (0x85)
Bit
Field
Type
Initial
Description
7..0
DPH1[7:0]
R/W
0x00
High byte of DPTR1
DPS Register (0x92)
Bit
Field
Type
Initial
Description
7..1
Reserved
R
0x00
0
DPSEL
R/W
0
DPTR selection
0: DPH/DPL (DPTR0) is selected
1: DPH1/DPL1 (DPTR1) is selected
DPC Register (0x93)
Bit
Field
Type
Initial
Description
7..4
Reserved
R
0x0
3
NDPS
R/W
0
Next DPTR selection
The DPSEL loads this bit automatically after perform any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com