Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 73 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 73 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 69Page - SONiX Technology Company SN8F5708 Datasheet HTML 70Page - SONiX Technology Company SN8F5708 Datasheet HTML 71Page - SONiX Technology Company SN8F5708 Datasheet HTML 72Page - SONiX Technology Company SN8F5708 Datasheet HTML 73Page - SONiX Technology Company SN8F5708 Datasheet HTML 74Page - SONiX Technology Company SN8F5708 Datasheet HTML 75Page - SONiX Technology Company SN8F5708 Datasheet HTML 76Page - SONiX Technology Company SN8F5708 Datasheet HTML 77Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
GPIO
Datasheet Rev. 2.4
73
12 GPIO
The microcontroller has up to 46 bidirectional general purpose I/O pin (GPIO). Unlike the original
8051 only has open-drain output, SN8F5708 builds in push-pull output structure to improve its
driving performance.
12.1
Input and Output Control
The input and output direction control is configurable through P0M to P5M registers. These bits
specify each pin that is either input mode or output mode.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0M
P07M
P06M
P05M
P04M
P03M
P02M
P01M
P00M
P1M
P17M
P16M
P15M
P14M
P13M
P12M
P11M
P10M
P2M
P27M
P26M
P25M
P24M
P23M
P22M
P21M
P20M
P3M
P37M
P36M
P35M
P34M
P33M
P32M
P31M
P30M
P4M
P47M
P46M
P45M
P44M
P43M
P42M
P41M
P40M
P5M
-
-
P55M
P54M
P53M
P52M
P51M
P50M
P1OC
PW3EN
PW2EN
PW1EN
P06OC
P05OC
P13OC
P12OC
P11OC
P0M: 0xF9, P1M: 0xFA, P2M: 0xFB, P3M: 0xFC, P4M: 0xFD, P5M: 0xFE
Bit
Field
Type
Initial
Description
7
P07M
R/W
0
Mode selection of P0.7
0: Input mode
1: Output mode
6
P06M
R/W
0
Mode selection of P0.6
0: Input mode
1: Output mode
5
P05M
R/W
0
Mode selection of P0.5
0: Input mode
1: Output mode
4..0
et cetera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com