Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 85 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 85 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 81Page - SONiX Technology Company SN8F5708 Datasheet HTML 82Page - SONiX Technology Company SN8F5708 Datasheet HTML 83Page - SONiX Technology Company SN8F5708 Datasheet HTML 84Page - SONiX Technology Company SN8F5708 Datasheet HTML 85Page - SONiX Technology Company SN8F5708 Datasheet HTML 86Page - SONiX Technology Company SN8F5708 Datasheet HTML 87Page - SONiX Technology Company SN8F5708 Datasheet HTML 88Page - SONiX Technology Company SN8F5708 Datasheet HTML 89Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 0 and Timer 1
Datasheet Rev. 2.4
85
14.6
Timer 0 and Timer 1 Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IEN0
EAL
-
ET2
ES0
ET1
EX1
ET0
EX0
TCON
TF1
TR1
TF0
TR0
IE1
-
IE0
-
TCON0
T0EXT
T0RATE2 T0RATE1 T0RATE0
-
T1RATE2 T1RATE1 T1RATE0
TMOD
T1GATE
T1CT
T1M1
T1M0
T0GATE
T0CT
T0M1
T0M0
TH0
TH07
TH06
TH05
TH04
TH03
TH02
TH01
TH00
TL0
TL07
TL06
TL05
TL04
TL03
TL02
TL01
TL00
TH1
TH17
TH16
TH15
TH14
TH13
TH12
TH11
TH10
TL1
TL17
TL16
TL15
TL14
TL13
TL12
TL11
TL10
IEN0 Register (0xA8)
Bit
Field
Type
Initial
Description
7
EAL
R/W
0
Interrupts enable. Refer to Chapter Interrupt
3
ET1
R/W
0
Timer 1 interrupt
0: Disable
1: Enable
1
ET0
R/W
0
Timer 0 interrupt
0: Disable
1: Enable
TCON Register (0x88)
Bit
Field
Type
Initial
Description
7
TF1
R/W
0
Timer 1 overflow event
0: Timer 1 does not have any overflow event
1: Timer 1 has overflowed
This bit can be cleared automatically by interrupt
handler, or manually by firmware
6
TR1
R/W
0
Timer 1 function
0: Disable
1: Enable
5
TF0
R/W
0
Timer 0 overflow event
0: Timer 0 does not have any overflow event
1: Timer 0 has overflowed
This bit can be cleared automatically by interrupt
handler, or manually by firmware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com