Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 87 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 87 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 83Page - SONiX Technology Company SN8F5708 Datasheet HTML 84Page - SONiX Technology Company SN8F5708 Datasheet HTML 85Page - SONiX Technology Company SN8F5708 Datasheet HTML 86Page - SONiX Technology Company SN8F5708 Datasheet HTML 87Page - SONiX Technology Company SN8F5708 Datasheet HTML 88Page - SONiX Technology Company SN8F5708 Datasheet HTML 89Page - SONiX Technology Company SN8F5708 Datasheet HTML 90Page - SONiX Technology Company SN8F5708 Datasheet HTML 91Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 0 and Timer 1
Datasheet Rev. 2.4
87
TMOD Register (0x89)
Bit
Field
Type
Initial
Description
7
T1GATE
R/W
0
Timer 1 gate control mode
0: Disable
1: Enable, Timer 1 clock source is gated by INT1
6
T1CT
R/W
0
Timer 1 clock source selection
0: f Timer1 = fcpu / 12
1: f Timer 1 = fEXT1 / T1RATE (refer to T1RATE)
*(1)
5..4
T1M[1:0]
R/W
00
Timer 1 operation mode
00: 13-bit up counting timer
01: 16-bit up counting timer
10: 8-bit up counting timer with reload support
11: Reserved
3
T0GATE
R/W
0
Timer 0 gate control mode
0: Disable
1: Enable, Timer 0 clock source is gated by INT0
2
T0CT
R/W
0
Timer 0 clock source selection
0: f Timer0 = fcpu / 12
1: f Timer0 = fEXT0 / T0RATE (refer to T0RATE)
*(2)
1..0
T0M[1:0]
R/W
00
Timer 0 operation mode
00: 13-bit up counting timer
01: 16-bit up counting timer
10: 8-bit up counting timer with reload support
11: Separated two 8-bit up counting timer
*(1) fEXT1 = fosc.
*(2) fEXT0 = fosc or fRTC.
TH0 / TH1 Registers (TH0: 0x8C, TH1: 0x8D)
Bit
Field
Type
Initial
Description
7..0
TH0/TH1
R/W
0x00
High byte of Timer 0 and Timer 1 counter
TL0 / TL1 Register (TL0: 0x8A, TL1: 0x8B)
Bit
Field
Type
Initial
Description
7..0
TL0/TL1
R/W
0x00
Low byte of Timer 0 and Timer 1 counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com