Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 46 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 46 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 42Page - SONiX Technology Company SN8F5708 Datasheet HTML 43Page - SONiX Technology Company SN8F5708 Datasheet HTML 44Page - SONiX Technology Company SN8F5708 Datasheet HTML 45Page - SONiX Technology Company SN8F5708 Datasheet HTML 46Page - SONiX Technology Company SN8F5708 Datasheet HTML 47Page - SONiX Technology Company SN8F5708 Datasheet HTML 48Page - SONiX Technology Company SN8F5708 Datasheet HTML 49Page - SONiX Technology Company SN8F5708 Datasheet HTML 50Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Clock and Power Management
Datasheet Rev. 2.4
46
8.2 High Speed Clock and Real time clock
High-speed clock has internal and external two-type. The external high-speed clock includes 4MHz,
12MHz crystal/ceramic and external clock input mode. The internal high-speed oscillator is 32MHz
RC type. These high-speed oscillators are selected by SN8F5708_OPTIONS.A51.
IHRC 32M: The system high-speed clock source is internal high-speed 32MHz RC type
oscillator. In the mode, XIN and XOUT pins are bi-direction GPIO mode, and not to connect
any external oscillator device.
IHRC 32M with RTC: The system high-speed clock source is internal high-speed 32MHz RC
type oscillator. In the mode, the XIN and XOUT pins switch to crystal mode to drive an off-chip
32.768 kHz crystal.
X’tal 12M: The system high-speed clock source is external high-speed crystal/ceramic. The
oscillator bandwidth is 4MHz~16MHz and connected to XIN/XOUT pins with 20pF capacitors
to ground.
X’tal 4M: The system high-speed clock source is external high-speed crystal/resonator. The
oscillator bandwidth is 1MHz~4MHz and connected to XIN/XOUT pins with 20pF capacitors to
ground.
External Clock: The system high-speed clock source is external clock input mode. The input
signal only connects to XIN pin, and the XOUT pin is bi-direction GPIO mode.
MCU
VCC
GND
C
20pF
XIN
XOUT
VDD
C
20pF
CRYSTAL
MCU
XIN
XOUT
External
Clock
SN8F5708 supplies external low-speed clock (f RTC) for the real time clock of Timer 0. In IHRC 32M
with RTC mode, the XIN and XOUT pins switch to crystal mode to drive an off-chip 32.768 kHz
crystal. The crystal is connected to XIN/XOUT pins with 20pF capacitors to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com