Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 47 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 47 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 43Page - SONiX Technology Company SN8F5708 Datasheet HTML 44Page - SONiX Technology Company SN8F5708 Datasheet HTML 45Page - SONiX Technology Company SN8F5708 Datasheet HTML 46Page - SONiX Technology Company SN8F5708 Datasheet HTML 47Page - SONiX Technology Company SN8F5708 Datasheet HTML 48Page - SONiX Technology Company SN8F5708 Datasheet HTML 49Page - SONiX Technology Company SN8F5708 Datasheet HTML 50Page - SONiX Technology Company SN8F5708 Datasheet HTML 51Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Clock and Power Management
Datasheet Rev. 2.4
47
8.3 Noise Filter
The Noise Filter controlled by Noise Filter option is a low pass filter and supports crystal mode. The
purpose is to filter high rate noise coupling on high clock signal from external oscillator. In high
noisy environment, enable Noise Filter option is the strongly recommendation to reduce noise
effect.
8.4 Power Management
After the end of reset signal and power-on sequence, the CPU starts program execution at the
speed of fcpu. Overall, the CPU and all peripherals are functional in this situation (categorized as
normal mode).
The least two bits of PCON register (IDLE at bit 0 and STOP at bit 1) control the microcontroller’s
power management unit.
If IDLE bit is set by program, only CPU clock source would be gated. Consequently, peripheral
functions (such as timers, PWM, and I2C) and clock generator (IHRC 32 MHz/crystal driver) remain
execution in this status. Any change from P0/P1 input and interrupt events can make the
microcontroller turns back to normal mode, and the IDLE bit would be cleared automatically.
Any function can work in IDLE mode. Only CPU is suspended
The IDLE mode wake-up sources are P0/P1 level change trigger and any interrupt event.
If STOP bit is set, by contrast, CPU, peripheral functions, and clock generator are suspended. Data
storage in registers and RAM would be kept in this mode. Any change from P0/P1 can wake up the
microcontroller and resume system’s execution. STOP bit would be cleared automatically.
CPU, peripheral functions, and clock generator are suspended.
The STOP mode wake-up source is P0/P1 level change trigger.
For user who is develop program in C language, IDLE and STOP macros is strongly recommended to
control the microcontroller’s system mode, instead of set IDLE and STOP bits directly.
1
2
IDLE();
STOP();
Note: Into IDLE mode or STOP mode by “Assembly Language” must be using MOV
instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com