Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 58 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 58 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 54Page - SONiX Technology Company SN8F5708 Datasheet HTML 55Page - SONiX Technology Company SN8F5708 Datasheet HTML 56Page - SONiX Technology Company SN8F5708 Datasheet HTML 57Page - SONiX Technology Company SN8F5708 Datasheet HTML 58Page - SONiX Technology Company SN8F5708 Datasheet HTML 59Page - SONiX Technology Company SN8F5708 Datasheet HTML 60Page - SONiX Technology Company SN8F5708 Datasheet HTML 61Page - SONiX Technology Company SN8F5708 Datasheet HTML 62Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Interrupt
Datasheet Rev. 2.4
58
10 Interrupt
The MCU provides 19 interrupt sources (3 external and 16 interrupt) with 4 priority levels. Each
interrupt source includes one or more interrupt request flag(s). When interrupt event occurs, the
associated interrupt flag is set to logic 1. If both interrupt enable bit and global interrupt (EAL=1)
are enabled, the interrupt request is generated and interrupt service routine (ISR) will be started.
Most interrupt request flags must be cleared by software. However, some interrupt request flags
can be cleared by hardware automatically. In the end, ISR is finished after complete the RETI
instruction. The summary of interrupt source, interrupt vector, priority order and control bit are
shown as the table below.
Interrupt
Enable Interrupt
Request (IRQ)
IRQ Clearance
Priority / Vector
System Reset
-
-
-
0 / 0x0000
INT0
EX0
IE0
Automatically
1 / 0x0003
PWM1
EPWM1
PWM1F
By firmware
2 / 0x0083
I2C
EI2C
SI
By firmware
3 / 0x0043
Timer 0
ET0
TF0
Automatically
4 / 0x000B
PWM2
EPWM2
PWM2F
By firmware
5 / 0x008B
SPI
ESPI
SPIF / MODF
By firmware
6 / 0x004B
INT1
EX1
IE1
Automatically
7 / 0x0013
PWM3
EPWM3
PWM3F
By firmware
8 / 0x0093
T2COM0
ET2C0
TF2C0
Automatically
9 / 0x0053
Timer 1
ET1
TF1
Automatically
10 / 0x001B
ADC
EADC
ADCF
By firmware
11 / 0x009B
T2COM1
ET2C1
TF2C1
Automatically
12 / 0x005B
UART
ES0
TI0 / RI0
By firmware
13 / 0x0023
Comparator 0
ECMP0
CMP0F
By firmware
14 / 0x00A3
T2COM2
ET2C1
TF2C2
Automatically
15 / 0x0063
Timer 2
ET2 / ET2RL
TF2 / TF2RL
By firmware
16 / 0x002B
Comparator 1
ECMP1
CMP1F
By firmware
17 / 0x00AB
INT2
EX2
IE2
Automatically
18 / 0x00EB
T2COM3
ET2C3
TF2C3
Automatically
19 / 0x006B
Note: Don’t clear Interrupt request flags by firmware when Interrupt request flags
can be cleared by hardware automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com