Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 77 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 77 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 73Page - SONiX Technology Company SN8F5708 Datasheet HTML 74Page - SONiX Technology Company SN8F5708 Datasheet HTML 75Page - SONiX Technology Company SN8F5708 Datasheet HTML 76Page - SONiX Technology Company SN8F5708 Datasheet HTML 77Page - SONiX Technology Company SN8F5708 Datasheet HTML 78Page - SONiX Technology Company SN8F5708 Datasheet HTML 79Page - SONiX Technology Company SN8F5708 Datasheet HTML 80Page - SONiX Technology Company SN8F5708 Datasheet HTML 81Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
External Interrupt
Datasheet Rev. 2.4
77
13 External Interrupt
INT0, INT1 and INT2 are external interrupt trigger sources. Build in edge trigger configuration
function and edge direction is selected by PEDGE register. When both external interrupt
(EX0/EX1/EX2) and global interrupt (EAL) are enabled, the external interrupt request flag
(IE0/IE1/IE2) will be set to “1” as edge trigger event occurs. The program counter will jump to the
interrupt vector (ORG 0x0003/0x0013/0x00EB) and execute interrupt service routine. Interrupt
request flag will be cleared by hardware before ISR is executed.
13.1
External Interrupt Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PEDGE
-
-
EX2G1
EX2G0
EX1G1
EX1G0
EX0G1
EX0G0
IEN0
EAL
-
ET2
ES0
ET1
EX1
ET0
EX0
TCON
TF1
TR1
TF0
TR0
IE1
-
IE0
-
IEN4
EPWM1
EX2
-
-
PWM1F
IE2
-
-
PEDGE Register (0x8F)
Bit
Field
Type
Initial
Description
5..4
EX2G[1:0]
R/W
10
External interrupt 2 trigger edge control register.
00: Reserved.
01: Rising edge trigger.
10: Falling edge trigger (default)
11: Both rising and falling edge trigger
3..2
EX1G[1:0]
R/W
10
External interrupt 1 trigger edge control register.
00: Reserved.
01: Rising edge trigger.
10: Falling edge trigger (default)
11: Both rising and falling edge trigger
1..0
EX0G[1:0]
R/W
10
External interrupt 0 trigger edge control register.
00: Reserved.
01: Rising edge trigger.
10: Falling edge trigger (default)
11: Both rising and falling edge trigger
Else
Reserved
R
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com