Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 33 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 33 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 29Page - SONiX Technology Company SN8F5708 Datasheet HTML 30Page - SONiX Technology Company SN8F5708 Datasheet HTML 31Page - SONiX Technology Company SN8F5708 Datasheet HTML 32Page - SONiX Technology Company SN8F5708 Datasheet HTML 33Page - SONiX Technology Company SN8F5708 Datasheet HTML 34Page - SONiX Technology Company SN8F5708 Datasheet HTML 35Page - SONiX Technology Company SN8F5708 Datasheet HTML 36Page - SONiX Technology Company SN8F5708 Datasheet HTML 37Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Special Function Registers
Datasheet Rev. 2.4
33
0xE0 - 0xFF Registers Description
Register
Address
Description
ACC
0xE0
Accumulator register.
SPSTA
0xE1
SPI statuses register.
SPCON
0xE2
SPI control register.
SPDAT
0xE3
SPI data buffer.
P1OC
0xE4
Open drain controls register.
CLKSEL
0xE5
Clock switch selects register.
CLKCMD
0xE6
Clock switch controls Register.
TCON0
0xE7
Timer 0 / 1 clock controls register.
P4
0xE8
Port 4 data buffer.
MD0
0xE9
MDU controls register 0.
MD1
0xEA
MDU controls register 1.
MD2
0xEB
MDU controls register 2.
MD3
0xEC
MDU controls register 3.
MD4
0xED
MDU controls register 4.
MD5
0xEE
MDU controls register 5.
ARCON
0xEF
MDU Arithmetic control register.
B
0xF0
Multiplication/ division instruction data buffer.
P0UR
0xF1
Port 0 pull-up resister controls register.
P1UR
0xF2
Port 1 pull-up resister controls register.
P2UR
0xF3
Port 2 pull-up resister controls register.
P3UR
0xF4
Port 3 pull-up resister controls register.
P4UR
0xF5
Port 4 pull-up resister controls register.
P5UR
0xF6
Port 5 pull-up resister controls register.
SRST
0xF7
Software reset controls register.
P5
0xF8
Port 5 data buffer.
P0M
0xF9
Port 0 input/output mode register.
P1M
0xFA
Port 1 input/output mode register.
P2M
0xFB
Port 2 input/output mode register.
P3M
0xFC
Port 3 input/output mode register.
P4M
0xFD
Port 4 input/output mode register.
P5M
0xFE
Port 5 input/output mode register.
PFLAG
0xFF
Reset flag register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com