Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 24 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 24 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 20Page - SONiX Technology Company SN8F5708 Datasheet HTML 21Page - SONiX Technology Company SN8F5708 Datasheet HTML 22Page - SONiX Technology Company SN8F5708 Datasheet HTML 23Page - SONiX Technology Company SN8F5708 Datasheet HTML 24Page - SONiX Technology Company SN8F5708 Datasheet HTML 25Page - SONiX Technology Company SN8F5708 Datasheet HTML 26Page - SONiX Technology Company SN8F5708 Datasheet HTML 27Page - SONiX Technology Company SN8F5708 Datasheet HTML 28Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
CPU
Datasheet Rev. 2.4
24
5.4 Program Memory (IROM)
The program memory is a non-volatile storage area where stores code, look-up ROM table, and
other data with occasional modification. It can be updated by debug tools like SN-Link3, and a
program can also self-update via in-system program process (refer to In-system Program).
Address
ROM
Comment
0000H
Reset vector
Reset vector
0001H
General purpose area
User program
0002H
0003H
INT0 Interrupt vector
Interrupt vector
000BH
TIMER0 Interrupt vector
0013H
INT1 Interrupt vector
001BH
TIMER1 Interrupt vector
0023H
UART Interrupt vector
002BH
TIMER2 Interrupt vector
0043H
I2C Interrupt vector
004BH
SPI Interrupt vector
0053H
T2COM0 Interrupt vector
005BH
T2COM1 Interrupt vector
0063H
T2COM2 Interrupt vector
006BH
T2COM3 Interrupt vector
0083H
PWM1 Interrupt vector
008BH
PWM2 Interrupt vector
0093H
PWM3 Interrupt vector
009BH
ADC Interrupt vector
00A3H Comparator 0 Interrupt vector
00ABH Comparator 1 Interrupt vector
00EBH
INT2 Interrupt vector
00ECH
General purpose area
User program
.
.
.
.
End of user program
3FF6H
Reserved
3FF7H
.
3FFEH
3FFFH
The ROM includes reset vector, Interrupt vector, general purpose area and reserved area. The reset
vector is program beginning address. The interrupt vector is the head of interrupt service routine
when any interrupt occurring. The general purpose area is main program area including main loop,
sub-routines and data table.
0x0000 Reset vector: Program counter points to 0x0000 after any reset events (power on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com