Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 86 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 86 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 82Page - SONiX Technology Company SN8F5708 Datasheet HTML 83Page - SONiX Technology Company SN8F5708 Datasheet HTML 84Page - SONiX Technology Company SN8F5708 Datasheet HTML 85Page - SONiX Technology Company SN8F5708 Datasheet HTML 86Page - SONiX Technology Company SN8F5708 Datasheet HTML 87Page - SONiX Technology Company SN8F5708 Datasheet HTML 88Page - SONiX Technology Company SN8F5708 Datasheet HTML 89Page - SONiX Technology Company SN8F5708 Datasheet HTML 90Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 0 and Timer 1
Datasheet Rev. 2.4
86
4
TR0
R/W
0
Timer 0 function
0: Disable
1: Enable
3
IE1
R
0
Refer to INT1
2
Reserved
R
0
1
IE0
R
0
Refer to INT0
0
Reserved
R
0
Note: Before clear one of TF0, TF1, IE0 or IE1 flag manually by firmware, user must
be made sure others request flag in TCON register doesn’t active.
TCON0 Register (0xE7)
Bit
Field
Type
Initial
Description
7
T0EXT
R/W
0
Timer 0 real time counter
0: Disable
1: Enable
*
6..4
T0RATE[2:0]
R/W
000
Clock divider of Timer 0 external clock source
000: f EXT0 / 128
001: f EXT0 / 64
010: f EXT0 / 32
011: f EXT0 / 16
100: f EXT0 / 8
101: f EXT0 / 4
110: f EXT0 / 2
111: f EXT0 / 1
3
Reserved
R
0
2..0
T1RATE[2:0]
R/W
000
Clock divider of Timer 0 external clock source
000: f EXT1 / 128
001: f EXT1 / 64
010: f EXT1 / 32
011: f EXT1 / 16
100: f EXT1 / 8
101: f EXT1 / 4
110: f EXT1 / 2
111: f EXT1 / 1
* T0EXT = 1 is reserved for ‘IHRC 32 MHz with RTC’ CPU clock source only; remaining ‘0’ if other source is chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com