Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 17 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 17 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 13Page - SONiX Technology Company SN8F5708 Datasheet HTML 14Page - SONiX Technology Company SN8F5708 Datasheet HTML 15Page - SONiX Technology Company SN8F5708 Datasheet HTML 16Page - SONiX Technology Company SN8F5708 Datasheet HTML 17Page - SONiX Technology Company SN8F5708 Datasheet HTML 18Page - SONiX Technology Company SN8F5708 Datasheet HTML 19Page - SONiX Technology Company SN8F5708 Datasheet HTML 20Page - SONiX Technology Company SN8F5708 Datasheet HTML 21Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Pin Assignments
Datasheet Rev. 2.4
17
Port 5
Pin Name
Type
Description
P5.0
AIN8
PWM20
Digital I/O
Analog Input
Digital Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: input channel 8
PWM: programmable PWM output
P5.1
AIN9
PWM21
Digital I/O
Analog Input
Digital Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: input channel 9
PWM: programmable PWM output
P5.2
AIN10
PWM30
Digital I/O
Analog Input
Digital Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: input channel 10
PWM: programmable PWM output
P5.3
AIN11
PWM31
Digital I/O
Analog Input
Digital Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: input channel 11
PWM: programmable PWM output
P5.4
AVREFH
Digital I/O
Analog Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: external high reference voltage
P5.5
AVREFL
Digital I/O
Analog Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters.
ADC: external low reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com