Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 74 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 74 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 70Page - SONiX Technology Company SN8F5708 Datasheet HTML 71Page - SONiX Technology Company SN8F5708 Datasheet HTML 72Page - SONiX Technology Company SN8F5708 Datasheet HTML 73Page - SONiX Technology Company SN8F5708 Datasheet HTML 74Page - SONiX Technology Company SN8F5708 Datasheet HTML 75Page - SONiX Technology Company SN8F5708 Datasheet HTML 76Page - SONiX Technology Company SN8F5708 Datasheet HTML 77Page - SONiX Technology Company SN8F5708 Datasheet HTML 78Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
GPIO
Datasheet Rev. 2.4
74
P1OC Register (0xE4)
Bit
Field
Type
Initial
Description
7..5
R/W
000
Refer to PWM chapter
4
P06OC
R/W
0
P0.6 open-drain output mode
0: Disable
1: Enable, output high status becomes to input mode
3
P05OC
R/W
0
P0.5 open-drain output mode
0: Disable
1: Enable, output high status becomes to input mode
2
P13OC
R/W
0
P1.3 open-drain output mode
0: Disable
1: Enable, output high status becomes to input mode
1
P12OC
R/W
0
P1.2 open-drain output mode
0: Disable
1: Enable, output high status becomes to input mode
0
P11OC
R/W
0
P1.1 open-drain output mode
0: Disable
1: Enable, output high status becomes to input mode
12.2
Input Data and Output Data
By a read operation from any registers of P0 to P5, the current pin’s logic level would be fetch to
represent its external status. This operation remains functional even the pin is shared with other
function like UART and I2C which can monitor the bus condition in some case.
A write P0 to P5 register value would be latched immediately, yet the value would be outputted
until the mapped P0M – P5M is set to output mode. If the pin is currently in output mode, any
value set to P0 to P5 register would be presented on the pin immediately.
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
P0
P07
P06
P05
P04
P03
P02
P01
P00
P1
P17
P16
P15
P14
P13
P12
P11
P10
P2
P27
P26
P25
P24
P23
P22
P21
P20
P3
P37
P36
P35
P34
P33
P32
P31
P30
P4
P47
P46
P45
P44
P43
P42
P41
P40
P5
-
-
P55
P54
P53
P52
P51
P50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com