Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 38 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 38 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 34Page - SONiX Technology Company SN8F5708 Datasheet HTML 35Page - SONiX Technology Company SN8F5708 Datasheet HTML 36Page - SONiX Technology Company SN8F5708 Datasheet HTML 37Page - SONiX Technology Company SN8F5708 Datasheet HTML 38Page - SONiX Technology Company SN8F5708 Datasheet HTML 39Page - SONiX Technology Company SN8F5708 Datasheet HTML 40Page - SONiX Technology Company SN8F5708 Datasheet HTML 41Page - SONiX Technology Company SN8F5708 Datasheet HTML 42Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Reset and Power-on Controller
Datasheet Rev. 2.4
38
option items are as following table:
Code Option
Content
Function Description
Program Memory
Security
Security Disable
Disable ROM code Security function
Security Enable
Enable ROM code Security function
CPU Clock Source
IHRC 32MHz
High speed internal 32MHz RC. XIN/XOUT
pins are bi-direction GPIO mode
IHRC 32MHz with RTC
High speed internal 32MH RC with low speed
crystal/resonator (e.g. 32.768kHz). Low
speed crystal/resonator for Timer 0 real time
clock.
X’tal 12MHz
High speed crystal /resonator (e.g. 12MHz)
for external high clock oscillator
X’tal 4MHz
Standard crystal /resonator (e.g. 4M) for
external high clock oscillator
External Clock
XIN pin connect external clock (1M ~32M),
XOUT pin is bi-direction GPIO mode
Noise Filter
Disable
Disable Noise Filter
Enable
Enable Noise Filter
LVD
LVD_L
LVD will reset chip if VDD is below 1.8V.
LVD_M
LVD will reset chip if VDD is below 1.8V. The
LVD24 flag will indicate if VDD is below 2.4V.
LVD_H
LVD will reset chip if VDD is below 2.4V. The
LVD33 flag will indicate if VDD is below 3.3V.
LVD_Max
LVD will reset chip if VDD is below 3.3V
External Reset
Reset with De-bounce
Enable External reset pin with De-bounce
Reset without De-bounce
Enable External reset pin without De-bounce
GPIO with P02
Enable P02
Watchdog Reset
Always
Watchdog timer is always on enable even in
STOP mode and IDLE mode
Enable
Enable watchdog timer. Watchdog timer
stops in STOP mode and IDLE mode
Disable
Disable Watchdog function
Watchdog Overflow
Period
64ms
Watchdog timer clock source FILRC /4
128ms
Watchdog timer clock source FILRC /8
256ms
Watchdog timer clock source FILRC /16
512ms
Watchdog timer clock source FILRC /32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com