Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 34 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 34 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 30Page - SONiX Technology Company SN8F5708 Datasheet HTML 31Page - SONiX Technology Company SN8F5708 Datasheet HTML 32Page - SONiX Technology Company SN8F5708 Datasheet HTML 33Page - SONiX Technology Company SN8F5708 Datasheet HTML 34Page - SONiX Technology Company SN8F5708 Datasheet HTML 35Page - SONiX Technology Company SN8F5708 Datasheet HTML 36Page - SONiX Technology Company SN8F5708 Datasheet HTML 37Page - SONiX Technology Company SN8F5708 Datasheet HTML 38Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Special Function Registers
Datasheet Rev. 2.4
34
6.3 System Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ACC
ACC7
ACC6
ACC5
ACC4
ACC3
ACC2
ACC1
ACC0
B
B7
B6
B5
B4
B3
B2
B1
B0
PSW
CY
AC
F0
RS1
RS0
OV
F1
P
ACC Register (0xE0)
Bit
Field
Type
Initial
Description
7..0
ACC[7:0]
R/W
0x00
The ACC is an 8-bit data register responsible for
transferring or manipulating data between ALU and data
memory. If the result of operating is overflow (OV) or
there is carry (C or AC) and parity (P) occurrence, then
these flags will be set to PSW register.
B Register (0xF0)
Bit
Field
Type
Initial
Description
7..0
B[7:0]
R/W
0x00
The B register is used during multiplying and division
instructions. It can also be used as a scratch-pad register
to hold temporary data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com