Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 40 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 40 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 36Page - SONiX Technology Company SN8F5708 Datasheet HTML 37Page - SONiX Technology Company SN8F5708 Datasheet HTML 38Page - SONiX Technology Company SN8F5708 Datasheet HTML 39Page - SONiX Technology Company SN8F5708 Datasheet HTML 40Page - SONiX Technology Company SN8F5708 Datasheet HTML 41Page - SONiX Technology Company SN8F5708 Datasheet HTML 42Page - SONiX Technology Company SN8F5708 Datasheet HTML 43Page - SONiX Technology Company SN8F5708 Datasheet HTML 44Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Reset and Power-on Controller
Datasheet Rev. 2.4
40
7.3 LVD Reset
The low voltage detectors monitor VDD pin’s voltage at three levels: 1.8 V, 2.4 V and 3.3 V. Depend
on low voltage detection configuration, the comparison result can be seen as a system reset signal,
or simply as LVD24/LVD33 register flags. The table below lists four different low voltage detection
configurations, from LVD_Max to LVD_L, and the respectively results of VDD pin’s condition.
VDD
VSS
System Normal Run
System Stop
LVD Detect Voltage
Power On
Delay Time
Power
System Status
Power is below LVD Detect
Voltage and System Reset.
Condition
LVD_Max
LVD_H
LVD_M
LVD_L
VDD ≤ 3.3 V
Reset
LVD33 = 1
-
-
VDD ≤ 2.4 V
Reset
Reset
LVD24 = 1
-
VDD ≤ 1.8 V
Reset
Reset
Reset
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com