| Electronic Components Datasheet Search |
|
SN8F5708 Datasheet(PDF) 22 Page - SONiX Technology Company |
|
|
|||||||||||||||||||||||||||||
SN8F5708 Datasheet(HTML) 22 Page - SONiX Technology Company |
|
22 / 204 page ![]() www.sonix.com.tw SN8F5708 Series Copyright © 2019, SONiX Technology Co., Ltd. CPU Datasheet Rev. 2.4 22 The 256-byte data RAM in internal data memory is a standard 8051 RAM access configuration. The upper 128-byte RAM is general purpose RAM and can configure by direct addressing access and indirect addressing access. The lower 128-byte can be indirect access RAM in general purpose or direct access RAM in special function register (SFR). 0x0000-0x007F: General purpose RAM contains work register area and bit addressable area. In this area, direct or indirect addressing can be used. 0x0000-0x001F: Work register area includes 4-bank. Each bank has 8 work registers (R0 - R7) which is selected by RS0/RS1 in PSW register. 0x0020-0x002F: Bit addressable area. In the bit addressable area, user can read or write any single bit in this range by using the unique address for that bit. Supports 16bytes bit addressable RAM area giving 128 addressable bits. Each bit has individual address in the range from 00H to 7FH. Thus, the bit can be addressed directly. Bit0 of the byte 20H has bit address 00H and Bit 7 of the byte 20H has bit address 07H. Bit0 of the byte 2FH has bit address 78H and Bit 7 of the byte 2FH has bit address 7FH. When set “SETB 42H”, it means the bit2 of the byte 28H is set. Byte Address Bite 0 Bite 1 Bite 2 Bite 3 Bite 4 Bite 5 Bite 6 Bite 7 0x20 0x00 0x01 0x02 0x03 0x04 0x05 0x06 0x07 0x21 0x08 0x09 0x0A 0x0B 0x0C 0x0D 0x0E 0x0F 0x22 0x10 0x11 0x12 0x13 0x14 0x15 0x16 0x17 0x23 0x18 0x19 0x1A 0x1B 0x1C 0x1D 0x1E 0x1F 0x24 0x20 0x21 0x22 0x23 0x24 0x25 0x26 0x27 0x25 0x28 0x29 0x2A 0x2B 0x2C 0x2D 0x2E 0x2F 0x26 0x30 0x31 0x32 0x33 0x34 0x35 0x36 0x37 0x27 0x38 0x39 0x3A 0x3B 0x3C 0x3D 0x3E 0x3F 0x28 0x40 0x41 0x42 0x43 0x44 0x45 0x46 0x47 0x29 0x48 0x49 0x4A 0x4B 0x4C 0x4D 0x4E 0x4F 0x2A 0x50 0x51 0x52 0x53 0x54 0x55 0x56 0x57 0x2B 0x58 0x59 0x5A 0x5B 0x5C 0x5D 0x5E 0x5F 0x2C 0x60 0x61 0x62 0x63 0x64 0x65 0x66 0x67 0x2D 0x68 0x69 0x6A 0x6B 0x6C 0x6D 0x6E 0x6F 0x2E 0x70 0x71 0x72 0x73 0x74 0x75 0x76 0x77 0x2F 0x78 0x79 0x7A 0x7B 0x7C 0x7D 0x7E 0x7F 0x0080~0x00FF: General purpose area in indirect addressing access or special function register in direct addressing access. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |