Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 12 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 12 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 8Page - SONiX Technology Company SN8F5708 Datasheet HTML 9Page - SONiX Technology Company SN8F5708 Datasheet HTML 10Page - SONiX Technology Company SN8F5708 Datasheet HTML 11Page - SONiX Technology Company SN8F5708 Datasheet HTML 12Page - SONiX Technology Company SN8F5708 Datasheet HTML 13Page - SONiX Technology Company SN8F5708 Datasheet HTML 14Page - SONiX Technology Company SN8F5708 Datasheet HTML 15Page - SONiX Technology Company SN8F5708 Datasheet HTML 16Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Pin Assignments
Datasheet Rev. 2.4
12
4.13
Pin Descriptions
Power Pins
Pin Name
Type
Description
VDD
Power
Power supply
VSS
Power
Ground (0 V)
Port 0
Pin Name
Type
Description
P0.0
XIN
Digital I/O
Analog Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
System clock: external clock input
P0.1
XOUT
Digital I/O
Analog Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
System clock: drive external crystal/resonator
P0.2
Reset
Digital I/O
Digital Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
System reset (active low)
P0.3
Digital I/O
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
P0.4
Digital I/O
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
P0.5
UTX
Digital I/O
Digital Output
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
UART: transmission pin
P0.6
URX
Digital I/O
Digital Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
UART: reception pin
P0.7
SSN
Digital I/O
Digital Input
GPIO: Bi-direction pin. Schmitt trigger structure as input mode.
Built-in pull-up resisters. Level change wake-up.
SPI: salve selection pin (slave mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com