Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 52 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 52 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 48Page - SONiX Technology Company SN8F5708 Datasheet HTML 49Page - SONiX Technology Company SN8F5708 Datasheet HTML 50Page - SONiX Technology Company SN8F5708 Datasheet HTML 51Page - SONiX Technology Company SN8F5708 Datasheet HTML 52Page - SONiX Technology Company SN8F5708 Datasheet HTML 53Page - SONiX Technology Company SN8F5708 Datasheet HTML 54Page - SONiX Technology Company SN8F5708 Datasheet HTML 55Page - SONiX Technology Company SN8F5708 Datasheet HTML 56Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Clock and Power Management
Datasheet Rev. 2.4
52
CLKSEL Register (0xE5)
Bit
Field
Type
Initial
Description
7..3
Reserved
R
0x00
2..0
CLKSEL[2:0]
R/W
111
CLKSEL would be applied by writing CLKCMD.
000: fcpu = fosc / 128
001: fcpu = fosc / 64
010: fcpu = fosc / 32
011: fcpu = fosc / 16
100: fcpu = fosc / 8
101: fcpu = fosc / 4
110: fcpu = fosc / 2
111: fcpu = fosc / 1
CLKCMD Register (0xE6)
Bit
Field
Type
Initial
Description
7..0
CMD[7:0]
W
0x00
Writing 0x69 to apply CLKSEL’s setting.
PCON Register (0x87)
Bit
Field
Type
Initial
Description
7
Refer to other chapter(s)
6..4
Reserved
R
0x00
3
P2SEL
R/W
1
High-order address byte configuration bit. Chooses the
higher byte of address (“XRAM[15:8]”) during MOVX
@Ri operations
0: The “XRAM[15:8]” = “P2REG”. The “P2REG” is the
contents of Port2 output register.
1: The “XRAM[15:8]” = 0x00.
2
GF0
R/W
0
General Purpose Flag
1
STOP
R/W
0
1: Microcontroller switch to STOP mode
0
IDLE
R/W
0
1: Microcontroller switch to IDLE mode
P1W Register (0x91)
Bit
Field
Type
Initial
Description
7..0
P1nW
R/W
0
0: Disable P1.n wakeup functionality
1: Enable P1.n wakeup functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com