Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 93 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 93 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 89Page - SONiX Technology Company SN8F5708 Datasheet HTML 90Page - SONiX Technology Company SN8F5708 Datasheet HTML 91Page - SONiX Technology Company SN8F5708 Datasheet HTML 92Page - SONiX Technology Company SN8F5708 Datasheet HTML 93Page - SONiX Technology Company SN8F5708 Datasheet HTML 94Page - SONiX Technology Company SN8F5708 Datasheet HTML 95Page - SONiX Technology Company SN8F5708 Datasheet HTML 96Page - SONiX Technology Company SN8F5708 Datasheet HTML 97Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Timer 2
Datasheet Rev. 2.4
93
The split event can from hardware or software. The T2CC0 pin (shared with P3.4) can trigger a
hardware split event that duplicates TH2/TL2 value to CRCH/CRCL registers, whereas T2CC1 (P3.5),
T2CC2 (P3.6) and T2CC3 (P3.7) respectively control CC1 to CC3 registers.
0
1
2
TH2/TL2
...
M-2
M-1
M
T2CCx
...
0xFF
FD
0xFF
FE
0xFF
FF
0
1
2
...
T2CCx rising edge trigger capture function.
0xFF
FE
0xFF
FF
N
1
M
CCHx/CCLx
A software split event is triggered by writing any value into CRCL/CCL1/CCL2/CCL3 register. While
perform a writing instruction to these registers, the present TH2/TL2 value would be record in the
paired registers instead.
0
1
2
TH2/TL2
...
M-1
M
M+1
...
0xFF
FD
0xFF
FE
0xFF
FF
0
1
2
...
Writing any value into CCLx to trigger capture function.
0xFF
FE
0xFF
FF
N
2
M
CCHx/CCLx
Writing any value into CCLx
Writing any value into CCLx
15.5
Timer 2 Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
T2CON
T2PS
I3FR
-
T2R1
T2R0
T2CM
T2I1
T2I0
CCEN
COCA31
COCA30
COCA21
COCA20
COCA11
COCA10
COCA01
COCA00
TH2
TH27
TH26
TH25
TH24
TH23
TH22
TH21
TH20
TL2
TL27
TL26
TL25
TL24
TL23
TL22
TL21
TL20
CRCH
CRCH7
CRCH6
CRCH5
CRCH4
CRCH3
CRCH2
CRCH1
CRCH0
CRCL
CRCL7
CRCL6
CRCL5
CRCL4
CRCL3
CRCL2
CRCL1
CRCL0
CCH3
CCH37
CCH36
CCH35
CCH34
CCH33
CCH32
CCH31
CCH30
CCL3
CCL37
CCL36
CCL35
CCL34
CCL33
CCL32
CCL31
CCL30
CCH2
CCH27
CCH26
CCH25
CCH24
CCH23
CCH22
CCH21
CCH20
CCL2
CCL27
CCL26
CCL25
CCL24
CCL23
CCL22
CCL21
CCL20
CCH1
CCH17
CCH16
CCH15
CCH14
CCH13
CCH12
CCH11
CCH10
CCL1
CCL17
CCL16
CCL15
CCL14
CCL13
CCL12
CCL11
CCL10
IEN0
EAL
-
ET2
ES0
ET1
EX1
ET0
EX0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com