Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 44 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 44 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 40Page - SONiX Technology Company SN8F5708 Datasheet HTML 41Page - SONiX Technology Company SN8F5708 Datasheet HTML 42Page - SONiX Technology Company SN8F5708 Datasheet HTML 43Page - SONiX Technology Company SN8F5708 Datasheet HTML 44Page - SONiX Technology Company SN8F5708 Datasheet HTML 45Page - SONiX Technology Company SN8F5708 Datasheet HTML 46Page - SONiX Technology Company SN8F5708 Datasheet HTML 47Page - SONiX Technology Company SN8F5708 Datasheet HTML 48Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
System Clock and Power Management
Datasheet Rev. 2.4
44
8
System Clock and Power Management
For power saving purpose, the microcontroller built in three different operation modes: normal,
IDLE, and STOP mode.
The normal mode means that CPU and peripheral functions are under normally execution. The
system clock is based on the combination of source selection, clock divider, and program memory
wait state. IDLE mode is the situation that temporarily suspends CPU clock and its execution, yet it
remains peripherals’ functionality (e.g. timers, PWM, SPI, UART, and I2C). By contrast, STOP mode
disables all functions and clock generator until a wakeup signal to return normal mode.
8.1 System Clock
The microcontroller includes an on-chip clock generator (IHRC 32MHz), crystal/resonator driver,
and an external clock input. The reset and power-on controller automatically loads clock source
selection during power-on sequence. Therefore, the selected clock source is seen as ‘fosc’ domain
which is a fixed frequency at any time.
Subsequently, the selected clock source (fosc) is divided by 1 to 128 times which is controlled by
CLKSEL register. The CPU input the divided clock as its operation base (named fcpu). Applying
CLKSEL's setting when CLKCMD register be written 0x69.
1
2
3
4
CKCON = 0x70;
// For change safely the system clock
CLKSEL = 0x05;
// set fcpu = fosc / 4
CLKCMD = 0x69;
// Apply CLKSEL’s setting
CKCON = 0x00;
// IROM fetch = fcpu / 1
fosc
M
U
X
Divider
÷1 to ÷128
IHRC 32MHz
Crystal
External Clock
Clock Source Selection
(set in Options file)
CLKSEL
fcpu
CPU
ROM
interface
CKCON
IROM
ROM interface is built in between CPU and IROM (program memory). It optionally extends the data
fetching cycle in order to support lower speed program memory.
IROM fetching cycle (Instruction cycle) ≦ 8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com