Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 32 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 32 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 28Page - SONiX Technology Company SN8F5708 Datasheet HTML 29Page - SONiX Technology Company SN8F5708 Datasheet HTML 30Page - SONiX Technology Company SN8F5708 Datasheet HTML 31Page - SONiX Technology Company SN8F5708 Datasheet HTML 32Page - SONiX Technology Company SN8F5708 Datasheet HTML 33Page - SONiX Technology Company SN8F5708 Datasheet HTML 34Page - SONiX Technology Company SN8F5708 Datasheet HTML 35Page - SONiX Technology Company SN8F5708 Datasheet HTML 36Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Special Function Registers
Datasheet Rev. 2.4
32
0xC0 - 0xDF Registers Description
Register
Address
Description
IRCON
0xC0
Interrupts request register.
CCEN
0xC1
Timer 2 Compare /capture enable register.
CCL1
0xC2
Timer 2 Compare /capture module 1 low byte register.
CCH1
0xC3
Timer 2 Compare /capture module 1 high byte register.
CCL2
0xC4
Timer 2 Compare /capture module 2 low byte register.
CCH2
0xC5
Timer 2 Compare /capture module 2 high byte register.
CCL3
0xC6
Timer 2 Compare /capture module 3 low byte register.
CCH3
0xC7
Timer 2 Compare /capture module 3 high byte register.
T2CON
0xC8
Timer 2 controls register.
-
0xC9
-
CRCL
0xCA
Timer 2 Compare/capture module 0 & reload function low byte register.
CRCH
0xCB
Timer 2 Compare/capture module 0 & reload function high byte register.
TL2
0xCC
Timer 2 counting low byte register.
TH2
0xCD
Timer 2 counting high byte register.
CMPT
0xCE
Comparator 0 / 1 with PWM triggers select register.
PW3A
0xCF
PW3 A point dead band controls buffer.
PSW
0xD0
System flag register.
IEN4
0xD1
Interrupts enable register
ADM
0xD2
ADC controls register.
ADB
0xD3
ADC data buffer.
ADR
0xD4
ADC resolution selects register.
VREFH
0xD5
ADC reference voltage controls register.
P4CON
0xD6
Port 4 configuration controls register.
P5CON
0xD7
Port 5 configuration controls register.
S0CON2
0xD8
UART baud rate controls register.
-
0xD9
-
I2CDAT
0xDA
I2C data buffer.
I2CADR
0xDB
Own I2C slave address.
I2CCON
0xDC
I2C interface operation control register.
I2CSTA
0xDD
I2C Status Code.
SMBSEL
0xDE
SMBus mode controls register.
SMBDST
0xDF
SMBus internal timeout register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com