Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 71 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 71 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 67Page - SONiX Technology Company SN8F5708 Datasheet HTML 68Page - SONiX Technology Company SN8F5708 Datasheet HTML 69Page - SONiX Technology Company SN8F5708 Datasheet HTML 70Page - SONiX Technology Company SN8F5708 Datasheet HTML 71Page - SONiX Technology Company SN8F5708 Datasheet HTML 72Page - SONiX Technology Company SN8F5708 Datasheet HTML 73Page - SONiX Technology Company SN8F5708 Datasheet HTML 74Page - SONiX Technology Company SN8F5708 Datasheet HTML 75Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
MDU
Datasheet Rev. 2.4
71
11.7
MDU Registers
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MD0
MD07
MD06
MD05
MD04
MD03
MD02
MD01
MD00
MD1
MD17
MD16
MD15
MD14
MD13
MD12
MD11
MD10
MD2
MD27
MD26
MD25
MD24
MD23
MD22
MD21
MD20
MD3
MD37
MD36
MD35
MD34
MD33
MD32
MD31
MD30
MD4
MD47
MD46
MD45
MD44
MD43
MD42
MD41
MD40
MD5
MD57
MD56
MD55
MD54
MD53
MD52
MD51
MD50
ARCON
MDEF
MDOV
SLR
SC4
SC3
SC2
SC1
SC0
MD Registers (MD0 – MD5: 0xE9 – 0xEE)
Bit
Field
Type
Initial
Description
7..0
MD[7:0]
R/W
0x00
Multiplication/Division Registers
ARCON Register (0xEF)
Bit
Field
Type
Initial
Description
7
MDEF
R/W
0
MDU error flag MDEF
Indicates an improperly performed operation (when one
of the arithmetic operations has been restarted or
interrupted by a new operation).
6
MDOV
R/W
0
MDU overflow flag
Overflow occurrence in the MDU operation.
5
SLR
R/W
0
Shift direction
0: Shift left operation
1: Shift right operation
4..0
SC[4:0]
R/W
0x00
Shift counter
Write 0x00: Perform normalizing. The actual shift time
would be readable after operation.
Write else values: Specify the times of shift operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com