Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 186 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 186 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 182Page - SONiX Technology Company SN8F5708 Datasheet HTML 183Page - SONiX Technology Company SN8F5708 Datasheet HTML 184Page - SONiX Technology Company SN8F5708 Datasheet HTML 185Page - SONiX Technology Company SN8F5708 Datasheet HTML 186Page - SONiX Technology Company SN8F5708 Datasheet HTML 187Page - SONiX Technology Company SN8F5708 Datasheet HTML 188Page - SONiX Technology Company SN8F5708 Datasheet HTML 189Page - SONiX Technology Company SN8F5708 Datasheet HTML 190Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Ordering Information
Datasheet Rev. 2.4
186
29 Ordering Information
A typical surface of SONiX microcontroller is printed with three columns: logo, device’s full name,
and date code.
SONiX Logo
Full Name
S N 8 F
5708
J G
8-bit MCU
Device Series
Package
Date Code
15
5
J
A E B 1 1
Year
Mo.
Date
Internal Usage
29.1
Device Nomenclature
Full Name
Packing Type
S8F5708W
Wafer
SN8F5708H
Dice
SN8F5708FG
LQFP, 48 pins, Green package
SN8F5708JG
QFN, 48 pins, Green package
SN8F570870JG
QFN, 46 pins, Green package
SN8F5707FG
LQFP, 44 pins, Green package
SN8F57086JG
QFN, 40 pins, Green package
SN8F5705FG
LQFP, 32 pins, Green package
SN8F5705JG
QFN, 32 pins, Green package
SN8F57084KG
SKDIP, 28 pins, Green package
SN8F57084SG
SOP, 28 pins, Green package
SN8F57084TG
TSSOP, 28 pins, Green package
SN8F57084JG
QFN, 28 pins, Green package
SN8F57082SG
SOP, 20 pins, Green package
SN8F57082TG
TSSOP, 20 pins, Green package
SN8F570822TG
TSSOP, 20 pins, Green package
SN8F570812SG
SOP, 16 pins, Green package
SN8F57085TG
TSSOP, 16 pins, Green package
SN8F57087TG
TSSOP, 16 pins, Green package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com