Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5708 Datasheet(PDF) 193 Page - SONiX Technology Company

Part # SN8F5708
Description  8051-based Microcontroller
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F5708 Datasheet(HTML) 193 Page - SONiX Technology Company

Back Button SN8F5708 Datasheet HTML 189Page - SONiX Technology Company SN8F5708 Datasheet HTML 190Page - SONiX Technology Company SN8F5708 Datasheet HTML 191Page - SONiX Technology Company SN8F5708 Datasheet HTML 192Page - SONiX Technology Company SN8F5708 Datasheet HTML 193Page - SONiX Technology Company SN8F5708 Datasheet HTML 194Page - SONiX Technology Company SN8F5708 Datasheet HTML 195Page - SONiX Technology Company SN8F5708 Datasheet HTML 196Page - SONiX Technology Company SN8F5708 Datasheet HTML 197Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 204 page
background image
www.sonix.com.tw
SN8F5708 Series
Copyright © 2019, SONiX Technology Co., Ltd.
Package Information
Datasheet Rev. 2.4
193
30.6
LQFP32
SYMBOLS
Dimension in mm
Dimension in inch
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
--
--
1.60
--
--
0.063
A1
0.05
--
0.25
0.002
--
0.01
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.30
--
0.45
0.012
--
0.018
c
0.09
--
0.20
0.004
--
0.008
D
9.00 BSC
0.354 BSC
D1
7.00 BSC
0.276 BSC
E
9.00 BSC
0.354 BSC
E1
7.00 BSC
0.276 BSC
e
0.80 BSC
0.031 BSC
L
0.40
0.60
0.80
0.016
0.024
0.031
L1
1.00 REF
0.039 REF
Notes:
1.
CONTROLLING DIMENSION:MILLIMETER (mm)
2.
DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION.
3.
DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION.
PIN 1 CORNER
TOP VIEW
D1
D
1
8
9
16
17
24
25
32
DETAIL “A”
GAGE PLANE
L1
L
SEATING PLANE
SIDE VIEW
“A”
e
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com