Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 52 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
Host interface
UM0934
52/113
Doc ID 17389 Rev 2
5.3.11
CMD_DataIndication (50h)
This command exports the following services to the external host:
●
PHY mode: P_Data.Indication
●
MAC mode: M_Data.Indication.
This command is sent by the ST7570 to indicate the reception of data at PHY or MAC level,
according to the operating mode selected.
When operating in MAC mode and a frame with repetitions (i.e. with credits IC and CC > 0)
is received, the CMD_DataIndication is always notified upon receipt of the first valid MAC
frame within the repetition burst (Figure 19).
Figure 19.
Receipt of a MAC frame with repetitions (example with IC=3)
Table 35.
CMD_ReadDBError: ErrorData
Byte index
Label
Description
0ERROR
Error code:
11h: ERR_UNAVAILABLE_RESOURCE: the selected MIB object does not
exist or it does not exist for the current operating mode (MAC or PHY)
12h: ERR_REQUEST_NOT_ALLOWED: the writing request to an MIB object
failed
22h: ERR_ILLEGAL_DATA_COMMAND: the format or value of the request
data is not valid for the selected object
Table 36.
CMD_DataIndication: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_DataIndication(IndicationData)
None
Table 37.
CMD_DataIndication: IndicationData (PHY mode)
Byte index
Label
Description
0..37
P_SDU
38 bytes containing the received data at the physical layer
(PHYsical service data unit)
38..39
ASK0
Number of bits equal to ‘0’ demodulated incrementing the ASK counter
(Section 3.6.2)
40..41
ASK1
Number of bits equal to ‘1’ demodulated incrementing the ASK counter
(Section 3.6.2)
42..43
FSK
Number of bits demodulated incrementing the SFSK counter (Section 3.6.2)
44..46
SNR0
Estimated signal-to-noise ratio on channel 0 (Section : Fine estimation)
47..49
SNR1
Estimated signal-to-noise ratio on channel 1 (Section : Fine estimation)
RX
CMD_DataIndication(DA, SA, M_sdu, IC=3, CC=3, DC=0)
MAC Frame
(IC=3, CC=3)
MAC Frame
(IC=3, CC=2)
MAC Frame
(IC=3, CC=1)
MAC Frame
(IC=3, CC=0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com