Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 59 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
59/113
5.3.20
SPY_SynchroFoundIndication (D0h)
If the ST7570 is configured to operate in PHY mode and as Monitor (refer to Section 3.4.1),
it generates the SPY_SynchroFoundIndication as soon as it changes its synchronization
status from not synchronized to synchronized.
Available in PHY mode only.
Table 54.
SPY_SynchroFoundIndication: Syntax
Source
Command(Args)
Possible response
ST7570
SPY_SynchroFoundIndication(SpyData)
None
Table 55.
SPY_SynchroFoundIndication: SpyData (PHY mode)
Byte index Label
Description
0..2
S0
Signal amplitude estimated on channel 0 (Section : Raw estimation)
3..5
N0
Noise amplitude estimated on channel 0 (Section : Raw estimation)
6..8
S1
Signal amplitude estimated on channel 1 (Section : Raw estimation)
9..11
N1
Noise amplitude estimated on channel 1 (Section : Raw estimation)
12..13
ASK0
Number of bits demodulated using an ASK method on channel 0
(Section 3.6.2)
14..15
ASK1
Number of bits demodulated using an ASK method on channel 1
(Section 3.6.2)
16..17
FSK
Number of bits demodulated using an SFSK method (Section 3.6.2)
18
PGA
PGA gain code (Section 3.6.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com