Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 47 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 43Page - STMicroelectronics UM0934 Datasheet HTML 44Page - STMicroelectronics UM0934 Datasheet HTML 45Page - STMicroelectronics UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
47/113
Table 18.
CMD_SynchroIndication: SyncData (MAC mode)
Byte index
Label
Description
0
SYNC
Status of synchronization change:
1: Synchronization FOUND
2: Synchronization CONFIRMED
4: Synchronization LOST
5: Synchronization INTELLIGENT (0x05)
Other bytes differ according to the SYNC byte status If SYNC = 1 (Synchronization FOUND)
1..3
S0
Amplitude of signal on channel 0. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation).
4..6
N0
Amplitude of noise on channel 0. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation)
7..9
S1
Amplitude of signal on channel 1. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation).
10..12
N1
Amplitude of noise on channel 1. Raw estimation performed on received
preamble + SSD sequence (Section : Raw estimation)
13
PGA
Gain of the reception PGA.
14
PHASE Electrical delta-phase
If SYNC = 2 (Synchronization CONFIRMED)
1
PAD
Padding byte. Not used.
2..3
SA
Source address
4..5
DA
Destination address
If SYNC = 4 (Synchronization LOST)
1CAUSE
1: Timeout not addressed expired
2: Timeout frame not OK expired
3: Timeout synchronization confirm expired
4: Addressed by a wrong initiator
5: Desynchronization request from host (by accessing MIB object 00A0h,
Section 6.5.29)
2..3
ADD1
Local MAC address (if CAUSE = 1, 2, 3, 5, 6, 7, 8)
Source MAC address (if CAUSE = 4)
4..5
ADD2
Initiator MAC address (if CAUSE = 1, 2, 3, 5, 6, 7, 8)
Destination MAC address (if CAUSE = 4)
If SYNC = 5 (Synchronization INTELLIGENT)
1CAUSE
LM_IS_INIT (06h): Synchronization AutoReject after the reception of a valid
MAC frame by an Initiator (MAC address within FIMA, LIMA interval) during
Intelligent Synchronization first phase
LM_IS_SYNC_FAST (07h): Fast Synchronization achieved
LM_IS_NOT_INIT (08h): Synchronization AutoReject after the reception of a
valid MAC frame by a node not configured as Initiator (MAC address not within
FIMA, LIMA interval) during Intelligent Synchronization first phase
2..3
ADD
Initiator MAC Address
4..5
S
Max Received Signal level (between S0, S1), expressed as 100*dBµV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com