Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 58 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
Host interface
UM0934
58/113
Doc ID 17389 Rev 2
5.3.19
SPY_SearchSynchroIndication (C0h)
If the ST7570 is configured to operate in PHY mode and as Monitor (Section 3.4.1), and is
not mains synchronized, this command is sent from the ST7570 to the external host on the
beginning of each time-slot until a valid synchronization is found.
Available in PHY mode only.
Table 52.
SPY_SubframeIndication: SpyData (PHY mode)
Byte index
Label
Description
0..2
S0
Signal amplitude estimated on channel 0 (Section : Raw estimation)
3..5
N0
Noise amplitude estimated on channel 0 (Section : Raw estimation)
6..8
S1
Signal amplitude estimated on channel 1 (Section : Raw estimation)
9..11
N1
Noise amplitude estimated on channel 1 (Section : Raw estimation)
12..13
ASK0
Number of bits demodulated using an ASK method on channel 0
(Section 3.6.2)
14..15
ASK1
Number of bits demodulated using an ASK method on channel 1
(Section 3.6.2)
16..17
FSK
Number of bits demodulated using an SFSK method (Section 3.6.2)
18
PGA
PGA Gain code (Section 3.6.3)
19..56
P_SDU 38-byte physical service data unit
57..59
SNR0
Signal to noise ratio on channel 0 (Section : Fine estimation)
60..62
SNR1
Signal to noise ratio on channel 1 (Section : Fine estimation)
Table 53.
SPY_SearchSynchroIndication: Syntax
Source
Command(Args)
Possible response
ST7570
SPY_SearchSynchroIndication(none)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com