Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics UM0934 Datasheet HTML 30Page - STMicroelectronics UM0934 Datasheet HTML 31Page - STMicroelectronics UM0934 Datasheet HTML 32Page - STMicroelectronics UM0934 Datasheet HTML 33Page - STMicroelectronics UM0934 Datasheet HTML 34Page - STMicroelectronics UM0934 Datasheet HTML 35Page - STMicroelectronics UM0934 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
MAC layer
UM0934
32/113
Doc ID 17389 Rev 2
When upper layers request a transmission through an M_Data.Request, according to the
node type:
●
Client and REPEATER: the node originates (IC+1) consecutive transmissions of the
same MAC frame
●
Server: whatever the value of the IC, the node performs only 1 transmission of the MAC
frame.
4.8.2
Current credit (CC)
The current credit (CC) is a 3-bit long field with an initial value equal to IC and automatically
decremented by the MAC layer after each repetition.
When receiving, the CC field is extracted and notified to the upper layers through the
M_Data.Indication upon receipt of the first valid MAC frame within the repetition burst.
Moreover, only in the case of REPEATER, does the node join the repetition by transmitting
CC frames in the next time-slots. CC field is automatically decremented by the MAC layer
after each repetition.
4.8.3
Delta credit (DC)
Delta credit (DC) is 2 bits long and used by the system management application entity
(SMAE) of the Client for credit management, while it has no meaning for a Server or a
REPEATER. It represents the difference (IC-CC) of the last communication originated by the
system identified by the DA address to the system identified by the SA address.
When the MAC builds a long MAC frame, it receives the IC and DC credit values from the
SMAE and they are usually specific to the destination address DA. The MAC fills the MAC
frame header with the passed IC and DC values, while CC is equal to IC for the first
transmitted frame.
When a MAC frame is received, the MAC automatically decodes the IC, CC, DC values and
notifies them to the upper layers (SMAE).
4.8.4
Repeater
The REPEATER is basically a Server being able, in addition, to perform repetitions.
A dedicated MIB object 000Bh (TIC selector and repeater state, 6.5.12) can be used to
configure a Server as a REPEATER.
4.8.5
Example
Figure 12
shows a repetition example.
Upper layers of the Client station requests a broadcast (DA=FFFh) transmission of a MAC
frame (made of a single subframe) with IC=CC=3. The Client performs the transmission of
the original frame (IC=CC=3) followed by 3 repetitions, for a total amount of 4 transmissions.
All the other nodes in the network (both Server and REPEATER) receive the transmissions
and provide an M_Data.Indication to the local host upon receipt of the first valid MAC frame
(i.e. with valid FCS), while the following transmissions are neglected (as they are detected
as being repetitions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com