Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 53 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 49Page - STMicroelectronics UM0934 Datasheet HTML 50Page - STMicroelectronics UM0934 Datasheet HTML 51Page - STMicroelectronics UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
53/113
5.3.12
CMD_DataRequest (51h)
This command exports the following services to the external host:
●
PHY mode: P_Data.Request
●
MAC mode: M_Data.Request.
This command is sent by the external host to request data transmission.
The request can be accepted or refused by the ST7570:
●
If accepted, the ST7570 performs a transmission starting on the next time-slot. A
positive CMD_DataConfirm (Section 5.3.13) is generated at the end of the
transmission
●
If refused, the modem generates an immediate negative CMD_DataConfirm
(Section 5.3.13).
Table 38.
CMD_DataIndication: IndicationData (MAC mode)
Byte index
Label
Description
0
CREDIT
Credit information
b7 – b5: Initial credit IC
b4 – b2: Current credit CC
b1 – b0: Delta credit DC
UART data transmission: LSBit first (from b0 to b7)
1..3
ADDRESS
b23 – b12: MAC source address
b11 – b0: MAC destination address
UART data transmission: MSByte first. Therefore, the 3 bytes are
transmitted following this order:
• From b16 to b23
• From b8 to b15
• From b0 to b7.
4
PAD
1 byte padding
5..246
M_SDU
MAC service data unit. (up to 242 bytes).
UART data transmission: MSByte first.
Table 39.
CMD_DataRequest: Syntax
Source
Command(Args)
Possible response
Ext. Host
CMD_DataRequest(RequestData)
CMD_DataConfirm(ConfirmData)
Table 40.
CMD_DataRequest: RequestData (PHY mode)
Byte index
Label
Description
0..37
P_SDU
Physical service data unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com