Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 66 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics UM0934 Datasheet HTML 68Page - STMicroelectronics UM0934 Datasheet HTML 69Page - STMicroelectronics UM0934 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
Management information base (MIB)
UM0934
66/113
Doc ID 17389 Rev 2
6.4
MIB table
Table 71
lists all the available MIB objects, with the related indexes, the default values, and
the allowed request type (read and write).
Table 71.
Database objects
Index
Name
Factory default
R/W
0000h
FIMA / LIMA
0C00h / 0DFFh
R/W
0001h
LocalMacAdd/InitMacAdd
NEW (0FFEh) / NOBODY(0000h)
R/W
0002h
Timeout synchro confirmation
3 s
R/W
0003h
Timeout frame not ok
40 s
R/W
0004h
Timeout not addressed
360 min
R/W
0005h
MAC group addresses
0000h, 0000h, 0000h, 0000h, 0000h
R/W
0006h
Invalid frame counter
0
R/W
0007h
Minimum delta credit
7
R/W
0008h
Disable frame type check
Disable CRC check
Enabled (0)
Enabled (0)
R/W
0009h
Timeout intelligent
synchronization
0 s
R/W
000Ah
Valid frame counter
0
R/W
000Bh
TIC selector
Repeater settings
0,
NEVER_REPEATER (0)
R/W
000Ch
RC threshold
28A0h (104 dBµV)
R/W
000Dh
S0, N0, PGA
0,0,0
R
000Eh
S1, N1, phase
0,0,0
R
000Fh
Transmitted frame counter
0
R/W
0010h
Repeated frame counter
0
R/W
0011h
Bad frame indicator counter
0
R/W
0012h
Frame indicator
0000h (long MAC frame)
R/W
0013h
Smart-phase detect
0 (smart-phase detect disabled)
R/W
0014h
Phase
0
R/W
0015h
Auto synchronization reject
0
R/W
0016h
Intelligent synchronization
threshold
2968h (106 dBµV)
R/W
0017h
...
0080h
Unused
----
----
0081h
Reserved
---
---
0082h
TX output gain
Current limiting
Current control disabled (0), 10h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com