Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 56 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 52Page - STMicroelectronics UM0934 Datasheet HTML 53Page - STMicroelectronics UM0934 Datasheet HTML 54Page - STMicroelectronics UM0934 Datasheet HTML 55Page - STMicroelectronics UM0934 Datasheet HTML 56Page - STMicroelectronics UM0934 Datasheet HTML 57Page - STMicroelectronics UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 113 page
background image
Host interface
UM0934
56/113
Doc ID 17389 Rev 2
5.3.15
CMD_AlarmRequest (88h)
This command exports the following services to the external host:
●
PHY mode: P_Alarm.Request
●
MAC mode: M_Alarm.Request.
This command is sent by the external host to request the transmission of an alarm.
A positive or negative confirmation (CMD_AlarmConfirm) follows this request; if accepted,
the request is accomplished in the next alarm slot.
5.3.16
CMD_AlarmConfirm (89h)
This command exports the following services to the external host:
●
PHY mode: P_Alarm.Confirm
●
MAC mode: M_Alarm.Confirm.
This command is sent by the ST7570 to confirm an alarm request.
The data field is a 1-byte field containing the result of the previous request.
Table 45.
CMD_AlarmIndication: Data (PHY or MAC mode)
Byte index
Label
Description
0..3
CNT
Alarms received counter.
If a long alarm indication is selected:
4..6
S0
Amplitude estimation of channel 0 signal.
7..9
N0
Amplitude estimation of channel 0 noise.
10..12
S1
Amplitude estimation of channel 1 signal.
13..15
N1
Amplitude estimation of channel 1 noise.
16
PAD
Padding byte.
Table 46.
CMD_AlarmRequest: Syntax
Source
Command(Args)
Possible response
Ext. Host
CMD_AlarmRequest(none)
CMD_AlarmConfirm(Data)
Table 47.
CMD_AlarmConfirm: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_AlarmConfirm(Data)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com