Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 62 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 58Page - STMicroelectronics UM0934 Datasheet HTML 59Page - STMicroelectronics UM0934 Datasheet HTML 60Page - STMicroelectronics UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
Host interface
UM0934
62/113
Doc ID 17389 Rev 2
5.3.24
CMD_RC_Confirm (62h)
This command is sent by the ST7570 to confirm a Repeater Call request.
Table 62.
CMD_RC_Confirm: Syntax
Source
Command(Args)
Possible response
ST7570
CMD_RC_Confirm(ConfirmData)
None
Table 63.
CMD_RC_Confirm: ConfirmData
Byte Index
Label
Description
0
RESULT
LP_TU (00h): Repeater Call has been refused
LP_NI (01h): Modem not yet initialized for Repeater Call (local
MAC Address = NEW, TxPosition = 0)
LP_NS (04h): Modem is not synchronized
LP_NOT_VALID (06h): Repeater Call has been refused because
the modem is configured as NEVER_REPEATER (MIB object
000Bh, TIC selector and Repeater Setting, Section 6.5.12)
LP_OK (FFh): Repeater Call was accepted and ended
successfully
1
REPEATER STATE
Repeater state set during the Repeater Call session.
0: NEVER_REPEATER
1: ALWAYS_REPEATER
2: NO_REPEATER
3: REPEATER
In the case the node is a SERVER and the RESULT field is LP_OK, additional data are appended
about the RC pattern received:
2..4
S
Estimated signal amplitude (100*dB
µV), averaged on both
channels
5..7
N
Estimated noise amplitude (100*dB
µV), averaged on both
channels
8..9
RX_POS
RX Position (sub-timeslot where the RC pattern has been
received)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com