Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 8Page - STMicroelectronics UM0934 Datasheet HTML 9Page - STMicroelectronics UM0934 Datasheet HTML 10Page - STMicroelectronics UM0934 Datasheet HTML 11Page - STMicroelectronics UM0934 Datasheet HTML 12Page - STMicroelectronics UM0934 Datasheet HTML 13Page - STMicroelectronics UM0934 Datasheet HTML 14Page - STMicroelectronics UM0934 Datasheet HTML 15Page - STMicroelectronics UM0934 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
Functional overview
UM0934
12/113
Doc ID 17389 Rev 2
2
Functional overview
The ST7570 embeds full S-FSK PHY and MAC protocol layers and services compliant with
the IEC 61334-5-1 standard ([2]), mainly developed for smart metering applications in
CENELEC A band, but suitable also for other command and control applications and remote
load management in CENELEC B and C bands.
A local port (UART) is available for communication with an external host, exporting all the
functions and services required to configure and control the device and its protocol stack.
2.1
Protocol stack
Below is a list of the protocol layers and functions embedded in the ST7570:
●
Physical layer: implemented in the PHY processor and exporting all the primitive
functions listed in [2], plus additional services for configuration, alarm management,
signal and noise amplitude estimation, phase detection, and statistical information
●
MAC layer: implemented on the protocol controller and exporting all the primitive
functions listed in [2], plus additional services for configuration
●
Management information base (MIB): an information database with all the data
required for proper configuration of the system (at both PHY and MAC layers)
●
Host interface: all the services of the PHY, MAC, and MIB are exported to an external
host through the local UART port.
Figure 1.
Functional overview
PHY Layer
HOST Interface
MAC Layer
MIB
ST7570
Local Port
(UART)
TXD
RXD
T_REQ
BR1
BR0
MIB
External
HOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com