Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 17Page - STMicroelectronics UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics UM0934 Datasheet HTML 24Page - STMicroelectronics UM0934 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
UM0934
Physical layer
Doc ID 17389 Rev 2
21/113
3.6.6
Soft Start
When the ST7570 modem starts transmitting, the soft start feature allows to linearly
increase the power amplifier output gain from zero to the target value in a given time. This
option can be used to reduce the EM emissions. The duration of the soft start is
programmable by steps of 13
µs through the MIB object 00ACh (soft start, Section 6.5.33).
3.6.7
Programmable digital output
Pin PRESLOT/ZC/TS/BIT (refer to [1]) can be programmed to output the following
information:
PRESLOT: as soon as time-slot synchronization is achieved, it is low when the device
is able to accept a P_Data.Request (or M_Data.Request) and high otherwise
ZC: square wave toggling on every positive zero-crossing event. Its period is equal to
double the mains period
TS: square wave synchronous to the time-slot reference generated by the internal PLL.
Its period is equal to time-slot
BIT: square wave toggling at every bit time start, generated by the internal PLL. Its
period is 2*bit time.
TX_P: it is high when a transmission is in progress, low otherwise
RX_P: it is high when a reception is in progress, low otherwise
TXRX_P: it is high when the device is involved in a communication (transmission or
reception) through powerline
The desired information to be output can be selected through the MIB object 00A4h
(PRESLOT/ZC/TS/BIT and ZC_IN_D configuration, Section 6.5.31).
3.6.8
Zero-crossing signal fault detection
This feature, always active, is used to detect fault conditions on the external zero-crossing
signal causing loss of proper synchronization.
If no falling edges are detected on the input ZC signal within a given timeout (1.3 s as the
default value), no time-slot events are generated. After this fault condition, a reset is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com