Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 16Page - STMicroelectronics UM0934 Datasheet HTML 17Page - STMicroelectronics UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics UM0934 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 113 page
background image
Physical layer
UM0934
20/113
Doc ID 17389 Rev 2
SPY_SubframeIndication, Section 5.3.18, SPY_No_SubframeIndication, Section 5.3.17).
Such gain value is useful to estimate the input signal amplitude.
3.6.4
Electrical delta-phase detection
During the reception of a valid sequence of preamble and SSD bytes, the ST7570
automatically performs a measurement of the mains phase difference between the local
zero-crossing reference and the received sequence. The result is then written into the MIB
object 000Eh (S1, N1, phase, Section 6.5.15) and automatically provided through
unsolicited indications (CMD_DataIndication, Section 5.3.11,
SPY_SubframeIndication,Section 5.3.18, SPY_No_SubframeIndication, Section 5.3.17).
The meaning of each code is described in Table 4:
3.6.5
Transmitting digital gain
The level of the output signal can be digitally adjusted by accessing the MIB object 0082h
(TX output gain and current limiting, Section 6.5.24), controlling the gain control block
depicted in Figure 6.
Figure 6.
ST7570 transmission path block diagram
The amplitude of the transmitted signal can be set on a 32-step logarithmic scale through
the target output gain parameter of the MIB object 0082h, introducing an attenuation ranging
from 0 dB (typ.), down to -31 dB (typ.).
For further details refer to [1].
Table 4.
Electrical delta-phase coding
Value returned
by the ST7570
Delta-phase [degree °]
1200 bps
2400 bps
0
Not valid
Not valid
1
0
0 or +180
2
+60
+60 or -120
3
+120
+120 or -60
4
+180
+180 or 0
5
-120
-120 or +60
6
-60
-60 or +120
TX AFE
DAC
Gain
Control
TX_OUT
Target
Output Gain
BPF
BPF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com