Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 45 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 41Page - STMicroelectronics UM0934 Datasheet HTML 42Page - STMicroelectronics UM0934 Datasheet HTML 43Page - STMicroelectronics UM0934 Datasheet HTML 44Page - STMicroelectronics UM0934 Datasheet HTML 45Page - STMicroelectronics UM0934 Datasheet HTML 46Page - STMicroelectronics UM0934 Datasheet HTML 47Page - STMicroelectronics UM0934 Datasheet HTML 48Page - STMicroelectronics UM0934 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 113 page
background image
UM0934
Host interface
Doc ID 17389 Rev 2
45/113
Data
CMD_DataIndication
50h
CMD_DataRequest
51h
CMD_DataConfirm
52h
Alarm
CMD_AlarmRequest
88h
CMD_AlarmConfirm
89h
CMD_AlarmIndication
8Ah
Spy
SPY_No_SubframeIndication
A0h
SPY_SubframeIndication
B0h
SPY_SearchSynchroIndication
C0h
SPY_SynchroFoundIndication
D0h
SPY_No_AlarmIndication
E0h
SPY_AlarmIndication
F0h
Repeater Call
CMD_RC_Request
61h
CMD_RC_Confirm
62h
Intelligent Synchronization
CMD_IS_Indication
15h
Error
CMD_SyntaxError
20h
Table 15.
List of available command codes (continued)
Group
Command
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com