Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 75 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 71Page - STMicroelectronics UM0934 Datasheet HTML 72Page - STMicroelectronics UM0934 Datasheet HTML 73Page - STMicroelectronics UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics UM0934 Datasheet HTML 78Page - STMicroelectronics UM0934 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
75/113
6.5.13
000Ch (RC Threshold)
This object stores the RC detection threshold value, expressed in 100*dBµV.
The RC message is considered valid only if the SRC > NRC and SRC is greater than the RC
detection threshold parameter. (Refer to 2. chapter Repeater Call, Heading 1).
The confirm message of a CMD_ReadDBRequest will return the current value without
changing it. The CMD_WriteDBRequest will set the threshold value and the confirm
message will return the value.
Read/write confirm data format:
The same as request.
6.5.14
000Dh (S0, N0, PGA)
This object stores the Signal and Noise amplitude values measured for frequency f0 and the
PGA gain set during the last CMD_DataIndication.
Refer to Section : Raw estimation to convert the returned codes for N0 and S0 to electrical
values measured in dBµV.
Write request data format:
As this parameter is read-only, the CMD_ReadDBRequest can be used, the
CMD_WriteDBRequest cannot.
Table 99.
MIB object 000Ch: Write request data format
Byte
Label
Description
Available range Factory default
0..1
RC threshold
Minimum signal amplitude value to be
measured during a Repeater Call
detection.
0000h .. FFFFh
28A0h
(104 dB
µV)
2..3
PAD
Padding Bytes
0000h
0000h
Table 100.
MIB object 0005h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 101.
MIB object 000Dh: Read confirm data format
Byte Label
Description
Available range
Factory default
0..3
S0
Measured signal level at frequency f0 during the
last MAC frame (preamble, SSD sequence)
000000h .. 0FFFFFh
000000h
4..7
N0
Measured noise level at frequency f0 during the
last MAC frame (preamble, SSD sequence)
000000h .. 0FFFFFh
000000h
8..9
PGA
RX programmable gain amplifier (0.. 8) level set
during the last MAC frame received
0 .. 8 (MSByte always equal to 0)
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com