Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics UM0934 Datasheet HTML 24Page - STMicroelectronics UM0934 Datasheet HTML 25Page - STMicroelectronics UM0934 Datasheet HTML 26Page - STMicroelectronics UM0934 Datasheet HTML 27Page - STMicroelectronics UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
UM0934
MAC layer
Doc ID 17389 Rev 2
25/113
Figure 9.
MAC synchronization services
4.4
Framing
The framing process performed by the MAC layer is depicted in Figure 11.
Upper layers (running in the external host) request a transmission through the primitive
M_Data.Request(), passing to the MAC the service data unit M_sdu to be transmitted and
additional information regarding addresses and repetition credits. Such information is used
by the MAC to build the “long MAC frame” made up of the following fields:
●
Header:
–
NS: number of subframes building the long frame
–
SA: source address (12-bit)
–
DA: destination address (12-bit)
–
Repetition credits (information used for repetition management, 8 bits)
●
M_sdu (from 1 up to 242 bytes)
●
FCS (24 bit CRC).
The “long MAC frame” is then divided into several 38-byte fixed-length protocol data units
(M_pdu) called “MAC subframes”, the structure is depicted in Figure 10. The frame indicator
(FI) is always equal to 0000h to mark it as a subframe of a long MAC frame.
Power Line
time-slot
synchronization
change
(found or loss)
time-slot
synchronization
reject
P_Sync.request
P_Sync.indication
PHY
Layer
MAC
Layer
Local Node
M_Sync.request
M_Sync.indication
Upper
Layers
(ext. Host)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com