Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 18Page - STMicroelectronics UM0934 Datasheet HTML 19Page - STMicroelectronics UM0934 Datasheet HTML 20Page - STMicroelectronics UM0934 Datasheet HTML 21Page - STMicroelectronics UM0934 Datasheet HTML 22Page - STMicroelectronics UM0934 Datasheet HTML 23Page - STMicroelectronics UM0934 Datasheet HTML 24Page - STMicroelectronics UM0934 Datasheet HTML 25Page - STMicroelectronics UM0934 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 113 page
background image
MAC layer
UM0934
22/113
Doc ID 17389 Rev 2
4
MAC layer
4.1
Overview
The ST7570 embeds a MAC layer compliant with [2], with additional functions for the
electrical delta-phase measurement.
In order to meet the application’s functions and physical channel characteristics, many
parameters involved at this layer can be programmed by the user.
4.2
Operating modes
The following operating modes are supported, as defined by [2]:
●
Client: is the master of the communication.
●
Server: is the slave of the communication. Before being allowed to transmit, the
ST7570 modem needs to achieve the “slot synchronization”.
4.2.1
Additional operating mode
In addition to the operating modes (Client and Server), defined by [2], the MAC layer of the
ST7570 also embeds a Monitor mode for specific tasks.
Monitor mode
When the node is running as “Monitor”:
●
All the time-outs (Section 4.7) are disabled to allow the reception of frames, even if they
are not valid (i.e. invalid FCS) or after a long silence period
●
Every received frame causes an CMD_SynchroIndication (Section 5.3.1) to be sent to
the host
●
All the valid frames (i.e. valid FCS) are notified through an CMD_DataIndication
(Section 5.3.11), whatever the source address and destination address
●
Each repetition is notified through an CMD_DataIndication (Section 5.3.11)
independently, if the modem is set as well as a REPEATER (Section 4.8.5).
Special MIB objects (disable frame type check and disable CRC check, 0008h
Section 6.5.9
, and auto synchro reject 0015h, Section 6.5.22) let the Monitor be configured
as a sniffer capable of receiving and notifying all the frames:
●
Disable frame type check and disable CRC check: these flags allow the long MAC
frame type and frame CRC check to be disabled so that the wrong MAC frames are
notified
●
Auto synchro reject: this parameter makes the Monitor able to automatically reject the
synchronism at the end of each received MAC frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com