Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 78 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 74Page - STMicroelectronics UM0934 Datasheet HTML 75Page - STMicroelectronics UM0934 Datasheet HTML 76Page - STMicroelectronics UM0934 Datasheet HTML 77Page - STMicroelectronics UM0934 Datasheet HTML 78Page - STMicroelectronics UM0934 Datasheet HTML 79Page - STMicroelectronics UM0934 Datasheet HTML 80Page - STMicroelectronics UM0934 Datasheet HTML 81Page - STMicroelectronics UM0934 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
Management information base (MIB)
UM0934
78/113
Doc ID 17389 Rev 2
6.5.18
0011h (bad frame indicator counter)
This object stores the number of the received MAC frames with the invalid long frame
indicator field (FI). The counter is increased each time the FI is not equal to
LONG_MAC_FRAME (0000h) even if the frame type check is disabled (Monitor modes
only).
The confirm message of a CMD_ReadDBRequest returns the current value of the counter
without changing it. The CMD_WriteDBRequest resets the value of the counter (0) and the
confirm message returns the reset value (0).
6.5.19
0012h (frame indicator)
The frame indicator value is used to build the frame indicator parameter (FI) in a MAC frame
to be transmitted. During a MAC frame reception the frame indicator is always checked on
the default value (long MAC frame, 0000h).
Table 108.
MIB object 0010h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 109.
MIB object 0011h: Write request data format
Byte
Label
Description
Available range
Factory default
0..3
PAD
PAD word (any value)
0 .. FFFFFFFFh
0
Table 110.
MIB object 0011h: Read/write confirm data format
Byte
Label
Description
Available range Factory default
0..3
Bad frame indicator
counter
Bad frame indicator counter
value
0 .. FFFFFFFFh
0
Table 111.
MIB object 0011h: Write error data format
Byte
Returned value
Error description
0
ERR_UNAVAILABLE_RESOURCE
The modem is not configured as MAC
ERR_ILLEGAL_DATA_COMMAND
Wrong number of data bytes
Table 112.
MIB object 0012h: Write request data format
Byte
Label
Description
Available range
Factory default
0..1
Frame indicator
User defined TX frame indicator
0000h .. FFFFh
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com