Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 95 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 91Page - STMicroelectronics UM0934 Datasheet HTML 92Page - STMicroelectronics UM0934 Datasheet HTML 93Page - STMicroelectronics UM0934 Datasheet HTML 94Page - STMicroelectronics UM0934 Datasheet HTML 95Page - STMicroelectronics UM0934 Datasheet HTML 96Page - STMicroelectronics UM0934 Datasheet HTML 97Page - STMicroelectronics UM0934 Datasheet HTML 98Page - STMicroelectronics UM0934 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 113 page
background image
UM0934
Extended functions
Doc ID 17389 Rev 2
95/113
Both NTX and NREJ values are programmable by accessing the MIB object 0085h
(Section 6.5.27). Default values are NTX = 8 and NREJ = 9.
Figure 23
shows the transmission of an alarm with default values.
Figure 23.
Alarm transmission
7.2.2
Alarm reception
As soon as a burst of alarms is received, the ST7570 generates a CMD_AlarmIndication
message to the host.
In order to avoid the detection of fake or corrupted alarm messages, the system generates
an indication only if NRX consecutive alarms are received. Parameter NRX is programmable
through the MIB object 0085h (Section 6.5.27).
After the CMD_AlarmIndication message, the ST7570 ignores all the alarms that may occur
in the next NREJ time-slots.
If a CMD_AlarmRequest message is sent during the alarm reception or the reject window,
the ST7570 provides an immediate positive confirmation but it does not transmit any
additional alarms.
Default values are NRX = 2 and NREJ = 9.
Figure 24
shows the behavior of a node (node 2) with NRX = 2, assuming that node 1 is
transmitting an alarm burst (with NTX = 8 and NREJ = 9).
1
2
3
4
5
6
7
8
9
Alarm
Request
1
2
3
4
5
6
7
8
Alarm Transmission (N
TX )
Reject Window (N
RE J)
Alarm
Confirm
Alarm RECEPTION
Alarm IGNORED
Alarm TRANSMISSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com