Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 27Page - STMicroelectronics UM0934 Datasheet HTML 28Page - STMicroelectronics UM0934 Datasheet HTML 29Page - STMicroelectronics UM0934 Datasheet HTML 30Page - STMicroelectronics UM0934 Datasheet HTML 31Page - STMicroelectronics UM0934 Datasheet HTML 32Page - STMicroelectronics UM0934 Datasheet HTML 33Page - STMicroelectronics UM0934 Datasheet HTML 34Page - STMicroelectronics UM0934 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
UM0934
MAC layer
Doc ID 17389 Rev 2
31/113
4.7
Timeouts
The MAC layers of a Server node handle 3 timeouts aimed at:
Managing the time-slot synchronization, as described in Section 4.7.1, through the
“synchronization-confirmation-timeout” and “timeout-frame-not-OK”
Checking the validity of the local MAC address through the “timeout-not-addressed”.
The time-outs can be programmed with the desired values through dedicated MIB objects
0002h (Timeout Synchro Confirmation, Section 6.5.3), 0003h (Timeout Frame Not OK,
Section 6.5.4
), and 0004h (Timeout Frame Not Addressed, Section 6.5.5).
4.7.1
Synchronization-confirmation-timeout
Refer to Section 4.6.2
.
4.7.2
Timeout-frame-not-OK
Refer to Section 4.6.2
.
4.7.3
Timeout-not-addressed
This timeout is aimed at periodically checking the validity of the local MAC address and, if
necessary, at releasing it.
Once the Server has achieved the time-slot synchronization, it expects to receive at least
one valid MAC frame addressed to it (i.e. a frame with field DA equal to the local MAC
address of the node) within “timeout-not-addressed”. The timeout counter is refreshed at
any valid MAC frame with DA equal to MAC local address reception.
If the timeout-not-addressed has elapsed, the local MAC address is automatically reset to
the default value NEW (FFEh) and the time-slot synchronization is rejected.
4.8
Credit management and repetitions
In a real power line network several undesired electrical phenomena such as signal
attenuation, noise, and narrow band interferers may impact on communication performance,
preventing a message being delivered to a destination node. In order to overcome this
problem, in accordance with [2], the MAC layer provides a repetition mechanism based on
“credits” (IC, CC and DC) and on specific Server nodes called REPEATERs, behaving
exactly as a Server but being able, in addition, to perform repetitions according to IC and CC
values. Credit information is embedded in the header of each long MAC frame, with the
meaning described in the following sections.
4.8.1
Initial credit (IC)
The initial credit (IC) is a 3-bit long field (with a maximum value equal to 7) and counts how
many times the frame must be repeated.
When receiving, the field IC is extracted and notified to the upper layers through the
M_Data.Indication upon receipt of the first valid MAC frame within the repetition burst. Such
information is not used by the MAC layer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com