Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics UM0934 Datasheet HTML 68Page - STMicroelectronics UM0934 Datasheet HTML 69Page - STMicroelectronics UM0934 Datasheet HTML 70Page - STMicroelectronics UM0934 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
67/113
6.5
MIB parameters
In this section all the MIB object are described in detail.
6.5.1
0000h (first and last initiator address, FIMA/LIMA)
This object stores the values of the FIMA (first initiator MAC address) and LIMA (last initiator
MAC address) addresses.
Read/write confirm data format:
The same as write request.
0083h
Received alarm counter
0
R/W
0084h
Transmitted alarm counter
0
R/W
0085h
Alarm repeater
Alarm before indication
Alarm reject window
08h
02h
09h
R/W
0086h
Alarm indication
Repetition disable
SN indication disable
Enabled (0)
Enabled (0)
Disabled (1)
R/W
0087h
...
009Fh
Unused
---
---
00A0h
New synchronization
0
W
00A1h
PLC configuration
PHY mode, IDLE state, bit rate 1200 bits/s, ZC PLL
50 Hz, f0=74.0kHz, f1=63.3 kHz, current control
disabled
R/W
00A2h
Reserved
--
--
00A3h
Reserved
--
--
00A4h
Programmable digital I/O pins
PRESLOT (0), OFF (0)
R/W
00ABh
Max PGA Gain
8
R/W
00ACh
Soft start
0000Ah
R/W
00C2h
Time-slot reset bit
1
R/W
00D1h
ZC delay compensation
0
R/W
Table 71.
Database objects (continued)
Index
Name
Factory default
R/W
Table 72.
MIB object 0000h: Write request data format
Byte
Label
Description
Available range
Factory default
0..1
FIMA
First initiator MAC address
0000h .. 0FFFh
0C00h
2..3
LIMA
Last initiator MAC address
0000h .. 0FFFh
0DFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com