Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM0934 Datasheet(PDF) 65 Page - STMicroelectronics

Part # UM0934
Description  ST7570 S-FSK power line networking System-on-Chip
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0934 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button UM0934 Datasheet HTML 61Page - STMicroelectronics UM0934 Datasheet HTML 62Page - STMicroelectronics UM0934 Datasheet HTML 63Page - STMicroelectronics UM0934 Datasheet HTML 64Page - STMicroelectronics UM0934 Datasheet HTML 65Page - STMicroelectronics UM0934 Datasheet HTML 66Page - STMicroelectronics UM0934 Datasheet HTML 67Page - STMicroelectronics UM0934 Datasheet HTML 68Page - STMicroelectronics UM0934 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 113 page
background image
UM0934
Management information base (MIB)
Doc ID 17389 Rev 2
65/113
6.2
MIB read request
This command is used by the external host to read the value of an object of the ST7570
MIB. A CMD_ReadDBRequest contains the MIB parameter to be read:
The ST7570 checks the request for validation. Then, according to the result of the check:
●
if valid, the object is read from the MIB and the ST7570 replies with a
CMD_ReadDBConfirm
●
if not valid, the request is rejected and the ST7570 replies with a CMD_ReadDBError().
6.3
MIB error message codes
All the error message codes are listed and described in Table 70, with identifier values.
Please note that these are only the error codes common to all the MIB parameters: for
specific error codes of every MIB object, refer to the single MIB parameters description.
Table 69.
MIB read request: Data
Byte
Label
Description
0 .. 1 INDEX
Database entry index. Refer to the MIB table (
Table 71) for available objects. LSByte
sent first.
Table 70.
MIB error message codes
Error ID
Description
Value
ERR_UNAVAILABLE_RESOURCE
Unavailable resource: no MIB parameter with the specified index
011h
ERR_REQUEST_NOT_ALLOWED
Request not allowed
012h
ERR_ILLEGAL_DATA_COMMAND
Illegal data command
022h
ERR_ILLEGAL_LOCAL_MAC_ADR
Illegal local MAC address
023h
ERR_ILLEGAL_INITIATOR_MAC_ADR Illegal initiator MAC address
024h
ERR_PARAM_VAL_OUTOFRANGE
Parameter value out of range
026h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com